Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5178 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5178
Description  SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5178 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5178 Datasheet HTML 1Page - Renesas Technology Corp 2SC5178 Datasheet HTML 2Page - Renesas Technology Corp 2SC5178 Datasheet HTML 3Page - Renesas Technology Corp 2SC5178 Datasheet HTML 4Page - Renesas Technology Corp 2SC5178 Datasheet HTML 5Page - Renesas Technology Corp 2SC5178 Datasheet HTML 6Page - Renesas Technology Corp 2SC5178 Datasheet HTML 7Page - Renesas Technology Corp 2SC5178 Datasheet HTML 8Page - Renesas Technology Corp 2SC5178 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SILICON TRANSISTOR
FEATURES
Low current consumption and high gain
|S21e|2 = 11.5 dB TYP. @ VCE = 2 V, IC = 7 mA, f = 2 GHz
|S21e|2 = 10.5 dB TYP. @ VCE = 1 V, IC = 5 mA, f = 2 GHz
4-pin Mini-Mold package
EIAJ: SC-61
ORDERING INFORMATION
PART
QUANTITY
ARRANGEMENT
NUMBER
2SC5178-T1
3000 units/reel
2SC5178-T2
3000 units/reel
*
Contact your NEC sales representatives to order samples for
evaluation (available in batches of 50).
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
5V
Collector to Emitter Voltage
VCEO
3V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
10
mA
Total Power Dissipation
PT
30
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
2SC5178
Document No. P12102EJ2V0DS00 (2nd edition)
(Previous No. TC-2475)
Date Published
November 1996 N
Printed in Japan
NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE
FOR LOW-NOISE MICROWAVE AMPLIFICATION
PACKAGE DIMENSIONS
(Units: mm)
CAUTION; This transistor uses high-frequency technology. Be careful not to allow excessive current to flow through the transistor, including static electricity.
Embossed tape, 8 mm wide, pins
No. 3 (base) and No. 4 (emitter) facing
the perforations
Embossed tape, 8 mm wide, pins
No. 1 (collector) and No. 2 (emitter)
facing the perforations
PIN CONNECTIONS
1. Collector
2. Emitter
3. Base
4. Emitter
2.8
+0.2
–0.3
1.5
+0.2
–0.1
©
1994
DATA SHEET
©
1994



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com