Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5178 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5178
Description  SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5178 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5178 Datasheet HTML 3Page - Renesas Technology Corp 2SC5178 Datasheet HTML 4Page - Renesas Technology Corp 2SC5178 Datasheet HTML 5Page - Renesas Technology Corp 2SC5178 Datasheet HTML 6Page - Renesas Technology Corp 2SC5178 Datasheet HTML 7Page - Renesas Technology Corp 2SC5178 Datasheet HTML 8Page - Renesas Technology Corp 2SC5178 Datasheet HTML 9Page - Renesas Technology Corp 2SC5178 Datasheet HTML 10Page - Renesas Technology Corp 2SC5178 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2SC5178
5
S-PARAMETER
VCE = 1 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
ANG
–6.9
–13.5
–20.5
–27.6
–34.5
–40.8
–47.5
–52.4
–60.3
–64.6
–70.9
–77.0
–83.0
–88.0
–99.2
ANG
–9.5
–19.1
–28.3
–38.2
–48.3
–59.2
–69.1
–77.4
–87.9
–97.7
–110.8
–123.4
–135.0
–154.3
–174.4
MAG
0.989
0.972
0.941
0.917
0.890
0.842
0.769
0.729
0.675
0.634
0.582
0.530
0.496
0.452
0.461
ANG
77.0
76.5
68.1
63.3
54.1
53.5
45.2
37.7
31.8
31.7
24.9
18.9
14.2
14.6
10.0
MAG
3.362
3.305
3.251
3.204
3.113
3.032
2.892
2.719
2.626
2.484
2.345
2.255
2.169
2.015
1.982
MAG
0.026
0.061
0.084
0.106
0.150
0.170
0.178
0.195
0.213
0.223
0.233
0.238
0.249
0.254
0.239
MAG
0.954
0.933
0.902
0.855
0.798
0.739
0.667
0.597
0.519
0.472
0.413
0.365
0.306
0.280
0.259
ANG
168.9
158.2
148.3
137.6
126.9
116.5
107.3
96.6
88.5
80.5
72.8
64.6
58.1
51.3
44.3
(MHz)
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
VCE = 1 V, IC = 3 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
ANG
–11.6
–22.2
–30.8
–38.1
–45.4
–49.8
–54.3
–60.1
–66.0
–69.6
–75.8
–76.7
–85.6
–92.0
–99.7
ANG
–16.5
–31.1
–45.0
–56.7
–69.1
–80.2
–90.7
–100.1
–114.0
–125.8
–142.7
–168.6
162.2
148.5
127.6
MAG
0.968
0.899
0.816
0.727
0.673
0.600
0.537
0.496
0.437
0.419
0.374
0.333
0.304
0.284
0.287
ANG
68.5
72.2
64.4
53.7
53.5
52.5
47.1
41.7
40.1
34.6
33.4
30.6
28.2
29.8
24.2
MAG
8.193
7.559
6.833
6.147
5.496
4.936
4.427
3.975
3.672
3.347
3.066
2.893
2.715
2.530
2.438
MAG
0.030
0.054
0.075
0.095
0.115
0.120
0.140
0.141
0.163
0.181
0.176
0.199
0.202
0.214
0.218
MAG
0.878
0.789
0.694
0.589
0.501
0.423
0.340
0.280
0.221
0.196
0.157
0.160
0.135
0.181
0.204
ANG
161.7
145.1
130.9
118.1
106.8
96.9
88.7
80.0
73.1
66.4
60.4
53.8
48.4
42.5
36.8
(MHz)
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com