Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC805P18GRS/D Datasheet(PDF) 32 Page - NXP Semiconductors

Part # HC805P18GRS/D
Description  The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805P18GRS/D Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button HC805P18GRS/D Datasheet HTML 28Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 29Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 30Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 31Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 32Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 33Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 34Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 35Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
GENERAL RELEASE SPECIFICATION
INTERRUPTS
Rev. 1.0
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
Any enabled IRQ interrupt source sets the IRQ latch on the falling edge of the
IRQ pin or a port A pin if port A interrupts have been enabled. If edge-only
sensitivity is chosen by a mask option, only the IRQ latch output can activate a
request to the CPU to generate the IRQ interrupt sequence. This makes the IRQ
interrupt sensitive to the following cases:
1.
Falling edge on the IRQ pin with all enabled port A interrupt pins at a high
level.
2.
Falling edge on any enabled port A interrupt pin with all other enabled
port A interrupt pins and the IRQ pin at a high level.
If level sensitivity is chosen, the active high state of the IRQ input can also
activate an IRQ request to the CPU to generate the IRQ interrupt sequence.
This makes the IRQ interrupt sensitive to the following cases:
1.
Low level on the IRQ pin
2.
Falling edge on the IRQ pin with all enabled port A interrupt pins at a high
level
3.
Low level on any enabled port A interrupt pin
4.
Falling edge on any enabled port A interrupt pin with all enabled port A
interrupt pins and the IRQ pin at a high level
This interrupt is serviced by the interrupt service routine located at the address
specified by the contents of $3FFA and $3FFB. The IRQ latch is automatically
cleared by entering the interrupt service routine.
Optional External Interrupts (PA0–PA7)
The IRQ interrupt can be triggered by the inputs on the PA0 through PA7 port
pins if enabled by individual mask options. With pullup enabled, each port A pin
can activate the IRQ interrupt function and the interrupt operation will be the
same as for inputs to the IRQ pin. Once enabled by mask option, each individual
port A pin can be disabled as an interrupt source if its corresponding DDR bit is
configured for output mode.
NOTE
The BIH and BIL instructions apply to the output of the logic OR
function of the enabled PA0 through PA7 interrupt pins and the IRQ
pin. The BIH and BIL instructions do not test only the state of the IRQ
pin.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com