Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC805P18GRS/D Datasheet(PDF) 80 Page - NXP Semiconductors

Part # HC805P18GRS/D
Description  The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805P18GRS/D Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button HC805P18GRS/D Datasheet HTML 76Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 77Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 78Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 79Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 80Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 81Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 82Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 83Page - NXP Semiconductors HC805P18GRS/D Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 111 page
background image
GENERAL RELEASE SPECIFICATION
SERIAL INPUT/OUTPUT PORT
MC68HC805P18
11-6
8
2
3
4
5
6
7
8
9
10
11
12
13
14
A
16
17
18
19
20
11.3.3 SIOP Data Register (SDR)
This register is located at address $000C and serves as both the transmit and
receive data register. Writing to this register will initiate a message transmission if
the SIOP is in master mode. The SIOP subsystem is not double buffered and any
write to this register will destroy the previous contents. The SDR can be read at any
time; however, if a transfer is in progress, the results may be ambiguous and the
DCOL bit will be set. Writing to the SDR while a transfer is in progress can cause
invalid data to be transmitted and/or received. Figure 11-3 shows the position of
each bit in the register. This register is not affected by reset.
Bit 7
654321
Bit 0
SDR
$000C
Read:
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
Write:
Reset:
Unaffected by reset
Figure 11-5. SIOP Data Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com