Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXC Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXC
Description  High Voltage Current Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXC Datasheet(HTML) 2 Page - IXYS Corporation

  IXC Datasheet HTML 1Page - IXYS Corporation IXC Datasheet HTML 2Page - IXYS Corporation IXC Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
IXC Series
TO-220 AB Outline
Symbol
Definition
Maximum Ratings
V
AK
Drain Source Voltage
450
V
P
D
Power Dissipation
IXC_02M to IXC_50M
25
W
(T
C = 25°C)
IXC_60M & IXC_100M
40
W
I
RM
Maximum Reverse Current
1
A
T
J
Junction Operating Temperature
-55 to +150
°C
T
stg
Storage Temperature
-55 to +150
°C
T
L
Temperature for soldering (max. 10 s)
260
°C
M
D
Mounting torque with screw M3 (TO-220)
0.45/4 Nm/lb.in.
with screw M3.5 (TO-220)
0.55/5 Nm/lb.in.
Symbol
Definition/Condition
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
AK*
Breakdown
__M45 I
D = 1.5 IA(P)
450
V
voltage:
I
A(P)
Plateau
02M__ V
AK = 10 V
1.9
2.0
2.5
mA
Current
10M__
9.0
10
11.8
mA
20M__
18
20
22
mA
40M__
36
40
44
mA
50M__
45
50
55
mA
60M__
56
60
64
mA
100M__
88
100
110
mA
∆∆∆∆∆I
A(P)/∆
∆∆∆∆T
Plateau Current Shift
V
AK= 10 V
±
50
ppm/K
with Temperature
∆∆∆∆∆V
AK/∆
∆∆∆∆ I
A(p)
Dynamic
02M__ V
AK = 10 V
800
900
k
Resistance
10M__
160
180
k
20M__
78
85
k
50M__
19
21
k
60M__
15
17
k
100M__
8
9
k
V
F
Diode forward voltage drop; I
F = 50mA
1.8
V
R
thJC
Thermal Resistance junction-to-case
IXC_02M to IXC_50M 5.0 K/W
IXC_60M & IXC_100M 3.1 K/W
R
thJA
Thermal Resistance junction-to-ambient TO-220
80 K/W
TO-252
100 K/W
* Pulse test to limit power dissipation to within device capability.
Non-Switchable DC Current Regulators
TO-252 AA Outline
Pin connections
1
= No connection
2, 4 = Positive terminal A
3
= Negative terminal K
Product Marking
TO-220 types - full part number
TO-252 - last 7 alpha-numeric characters of the
part number, e.g. CY02M45
Dim.
Millimeter
Inches
Min. Max.
Min.
Max.
A
2.19 2.38 0.086 0.094
A1
0.89 1.14 0.035 0.045
A2
0 0.13
0 0.005
b
0.64 0.89 0.025 0.035
b1
0.76 1.14 0.030 0.045
b2
5.21 5.46 0.205 0.215
c
0.46 0.58 0.018 0.023
c1
0.46 0.58 0.018 0.023
D
5.97 6.22 0.235 0.245
D1
4.32 5.21 0.170 0.205
E
6.35 6.73 0.250 0.265
E1
4.32 5.21 0.170 0.205
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.40 10.42 0.370 0.410
L
0.51 1.02 0.020 0.040
L1
0.64 1.02 0.025 0.040
L2
0.89 1.27 0.035 0.050
L3
2.54 2.92 0.100 0.115



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com