Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXC Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXC
Description  High Voltage Current Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXC Datasheet(HTML) 1 Page - IXYS Corporation

  IXC Datasheet HTML 1Page - IXYS Corporation IXC Datasheet HTML 2Page - IXYS Corporation IXC Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
High Voltage Current
Regulators
The IXYS IXC series of high voltage
current regulators consists of non-
switchable, 2-terminal, AC and DC
current regulators.
Features
Extremely stable current character-
istics (±50 ppm/K)
Minimum of 450 V breakdown
Easily configured for bidirectional
current sourcing
40 W continuous dissipation
International standard packages
JEDEC TO-220 and TO-252
Applications
PABX current sources
Telephone line terminations in
PABXs and modems
Highly stable voltage sources
Surge limiters and voltage protection
(DC and AC)
Instantaneously reacting resetable
fuses
Waveform synthesizers
Soft start-up circuits
Non-switchable regulators
This is a family of extremely stable,
high voltage current regulators with
the typical output characteristic shown
in Figure 1. The temperature stability
is based on a threshold compensation
technique and uses IXYS' most
recently developed high voltage
process. The complete family will be
capable
of
providing
other
intermediate current levels which can
be programmed on-chip during the
manufacturing phase.
Specific applications are current
sourcing in PABX applications,
telephone line terminations, surge
protection and voltage supply
protection. Two devices in a back-to-
back
configuration
will
give
bidirectional operation. Specific
bidirectional applications would be
series surge protection and soft start-
up applications from AC mains.
IXC Series
V
AK
=
450
V
I
A(P)
=
2 - 60 mA
R
DYN = 9 - 900
k
Ω
Ω
Ω
Ω
Ω
TO-252 AA
(IXCY)
TO-220 AB
(IXCP)
Current Regulator Nomenclature
Parts can be ordered by using the following
nomenclature:
IXCP10M45A
(Example)
IX
IXYS
C
Current Regulator
Package style
P
TO-220 AB
Y
TO-252 (D-PAK)*
10
Current Rating,
10 = 10 mA
M
Current Level
A = Amps, M = mA,
U =
µA
45
Voltage rating
45 = 450 V
Preliminary Data Sheet
Fig. 1. Current Regulator Output
Characteristics
AC non-switchable regulators
This family consists of two DC current
regulators connected internally in
series to regulate the current to a
specified value in both directions. Its
output characteristics in quadrants 1
and 3 are the same as shown in Figure
1 so that the current regulation is also
the same in both directions. Parts are
only available in the TO-220 package.
Fig. 2. Block diagram for the non-switchable regulator
DS98703A (7/04)
4
1
3
4
12
3
© 2004 IXYS All rights reserved


Similar Part No. - IXC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
IXC1100 INTEL-IXC1100 Datasheet
1Mb / 134P
Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
logo
IXYS Corporation
IXCP01N90E IXYS-IXCP01N90E Datasheet
121Kb / 3P
Gate Controlled Current Limiter
IXCP02M45 IXYS-IXCP02M45 Datasheet
557Kb / 3P
High Voltage Current Regulators
IXCP100M35 IXYS-IXCP100M35 Datasheet
557Kb / 3P
High Voltage Current Regulators
IXCP10M35S IXYS-IXCP10M35S Datasheet
92Kb / 2P
Switchable Current Regulators
More results

Similar Description - IXC

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
IXYS Corporation
IXCP10M45A IXYS-IXCP10M45A Datasheet
557Kb / 3P
High Voltage Current Regulators
IXCP100M35 IXYS-IXCP100M35 Datasheet
557Kb / 3P
High Voltage Current Regulators
IXCY02M45 IXYS-IXCY02M45 Datasheet
557Kb / 3P
High Voltage Current Regulators
IXCY40M45A IXYS-IXCY40M45A Datasheet
557Kb / 3P
High Voltage Current Regulators
IXCP02M45 IXYS-IXCP02M45 Datasheet
557Kb / 3P
High Voltage Current Regulators
IXCP20M35 IXYS-IXCP20M35 Datasheet
557Kb / 3P
High Voltage Current Regulators
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com