Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB1203S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IB1203S
Description  DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IB1203S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IB1203S Datasheet HTML 1Page - List of Unclassifed Manufacturers IB1203S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
Derating Curve
Pin Connections
0.240 MAX*
0.780 MAX
0.015
0.400 MAX
0.120 MIN
0.100
0.045
0.010 MAX
0.500
0.18
BOTTOM
* 0.280 max for 48VDC input models
SINGLE-IN-LINE PACKAGE
12
4
6
Vcc
GND
0V
+V
OUTPUT VOLTAGE & CURRENT RATINGS
IB
Output
Output
5 VDC
12 VDC
24 VDC
48 VDC
Voltage(s)
Current(s)
Input
Input
Input
Input
3.3 VDC
300 mA
IB0503S
IB1203S
IB2403S
IB4803S
5.0 VDC
200 mA
IB0505S
IB1205S
IB2405S
IB4805S
9.0 VDC
110 mA
IB0509S
IB1209S
IB2409S
IB4809S
12.0 VDC
84 mA
IB0512S
IB1212S
IB2412S
IB4812S
15.0 VDC
66 mA
IB0515S
IB1215S
IB2415S
IB4815S
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xpiq.com
Holliston, MA 01746 USA
www.XPiQ.com
IB.qxd
6/6/03
4:16 pm
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com