Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB1203S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB1203S
Description  DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IB1203S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB1203S Datasheet HTML 1Page - List of Unclassifed Manufacturers IB1203S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•
•
Input
Input Voltage
•
±10%
Input Reflected Noise •
100 mV pk-pk max
Output
Output Voltage
•
±5%
Accuracy
Output Ripple & Noise •
100 mV pk-pk max
(20 MHz BW)
Line Regulation
•
1.2%/1% of Vin
Load Regulation
•
±10%
(20% to 100% Load)
General
Efficiency
•
At full load 9 V, 12 V & 15V outputs
80% typical
At full load 3.3 V & 5 V outputs
70% typical
Short Circuit
•
1 second max
Protection
Environmental
Input Output Isolation •
1000 VDC min
Temperature
•
0.03%/°C max
Coefficient
Operating
•
-40 °C to +85 °C
Temperature Range
Storage
•
-55 °C to +125 °C
Temperature Range
1 Watt
IB Series
DC/DC Converters
Specification
•
Intelligent Design Quality Product
XPiQ inc.
0.18 in2 Board Space
•
80% Efficiency
•
15 Watts per in3
•
5, 12, 24 and 48 VDC Inputs
•
1000 VDC Isolation
•
Industry Standards Pinouts
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xpiq.com
Holliston, MA 01746 USA
www.XPiQ.com
IB.qxd
6/6/03
4:16 pm
Page 1


Similar Part No. - IB1203S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IB1203S XPPOWER-IB1203S Datasheet
53Kb / 1P
DC-DC Power Supplies
More results

Similar Description - IB1203S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com