Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ012 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # PQ012
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ012 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  PQ012 Datasheet HTML 1Page - Pico Technology Ltd. PQ012 Datasheet HTML 2Page - Pico Technology Ltd. PQ012 Datasheet HTML 3Page - Pico Technology Ltd. PQ012 Datasheet HTML 4Page - Pico Technology Ltd. PQ012 Datasheet HTML 5Page - Pico Technology Ltd. PQ012 Datasheet HTML 6Page - Pico Technology Ltd. PQ012 Datasheet HTML 7Page - Pico Technology Ltd. PQ012 Datasheet HTML 8Page - Pico Technology Ltd. PQ012 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PicoScope 2000 Series oscilloscopes
2-channel oscilloscope: 2206B, 2207B and 2208B
Introducing the PicoScope 2000 Series
The PicoScope 2000 Series offers you a choice of 2-channel and 4-channel
oscilloscopes, plus mixed-signal oscilloscopes (MSOs) with 2 analog + 16 digital
inputs. All models feature a spectrum analyzer, function generator, arbitrary waveform
generator and serial bus analyzer, and the MSO models also include a logic analyzer.
The PicoScope 2000A models all deliver unbeatable value for money, with excellent
waveform visualization and measurement to 25 MHz for a range of analog and digital
electronic and embedded system applications. They are ideal for education, hobby and
field service use.
The PicoScope 2000B models have the added benefits of deep memory (up to 128 MS),
higher bandwidth (up to 100 MHz) and faster waveform update rates, giving you the
performance you need to carry out advanced analysis of your waveform, including
serial decoding and plotting frequency against time.
Advanced oscilloscope display
The PicoScope 6 software takes advantage of the display size, resolution and
processing power of your PC – in this case displaying four analog signals, a zoomed
view of two of the signals (undergoing serial decoding), and a spectrum view of a
third, all at the same time. Unlike a conventional benchtop oscilloscope, the size of the
display is limited only by the size of your computer monitor. The software is also easy
to use on touch-screen devices – you can pinch to zoom and drag to scroll.
4-channel oscilloscope
2-channel oscilloscope: 2204A and 2205A
2+16-channel mixed-signal oscilloscope (MSO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com