Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ012 Datasheet(PDF) 20 Page - Pico Technology Ltd.

Part # PQ012
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ012 Datasheet(HTML) 20 Page - Pico Technology Ltd.

Back Button PQ012 Datasheet HTML 16Page - Pico Technology Ltd. PQ012 Datasheet HTML 17Page - Pico Technology Ltd. PQ012 Datasheet HTML 18Page - Pico Technology Ltd. PQ012 Datasheet HTML 19Page - Pico Technology Ltd. PQ012 Datasheet HTML 20Page - Pico Technology Ltd. PQ012 Datasheet HTML 21Page - Pico Technology Ltd. PQ012 Datasheet HTML 22Page - Pico Technology Ltd. PQ012 Datasheet HTML 23Page - Pico Technology Ltd. PQ012 Datasheet HTML 24Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoScope 2000 Series specifications – mixed-signal oscilloscopes
PicoScope 2205A MSO
PicoScope 2206B MSO
PicoScope 2207B MSO
PicoScope 2208B MSO
Vertical (analog inputs)
Input channels
2
2
Bandwidth (–3 dB)
25 MHz
50 MHz
70 MHz
100 MHz
Rise time (calculated)
14 ns
7 ns
5 ns
3.5 ns
Software lowpass filter
Not applicable
Configurable software lowpass filter
Vertical resolution
8 bits
8 bits
Enhanced vertical resolution
Up to 12 bits
Up to 12 bits
Input ranges
±20 mV, ±50 mV, ±100 mV, ±200 mV, ±500 mV,
±1 V, ±2 V, ±5 V, ±10 V, ±20 V
±20 mV, ±50 mV, ±100 mV, ±200 mV, ±500 mV,
±1 V, ±2 V, ±5 V, ±10 V, ±20 V
Input sensitivity
4 mV/div to 4 V/div (10 vertical divisions)
4 mV/div to 4 V/div (10 vertical divisions)
Input coupling
AC / DC
AC / DC
Input connector
Single-ended, BNC(f)
Single-ended, BNC(f)
Input characteristics
1 MΩ ± 1%
∥ 16 pF ± 1 pF
1 MΩ ± 1%
∥ 16 pF ± 1 pF
Analog offset range
(vertical position adjustment)
±250 mV (20 mV to 200 mV ranges)
±2.5 V (500 mV to 2 V ranges)
±25 V (5 V to 20 V ranges)
±250 mV (20 mV to 200 mV ranges)
±2.5 V (500 mV to 2 V ranges)
±25 V (5 V to 20 V ranges)
Analog offset control accuracy
±1% of offset setting, additional to basic DC
accuracy
±1% of offset setting, additional to basic DC accuracy
DC accuracy
±3% of full scale ±200 μV
±3% of full scale ±200 μV
Overvoltage protection
±100 V (DC + AC peak) up to 10 kHz
±100 V (DC + AC peak) up to 10 kHz
Vertical (digital inputs)
Input channels
16 (two 8-bit ports)
16 (two 8-bit ports)
Input connector
2.54 mm pitch, 10 x 2 way connector
2.54 mm pitch, 10 x 2 way connector
Maximum input frequency
100 MHz (200 Mb/s)
100 MHz (200 Mb/s)
Minimum detectable pulse width
5 ns
5 ns
Input impedance
200 kΩ ±2%
∥ 8 pF ±2 pF
200 kΩ ±2%
∥ 8 pF ±2 pF
Input dynamic range
±20 V
±20 V
Threshold range
±5 V
±5 V
Threshold grouping
Two independent threshold controls. Port 0: D0
to D7, Port 1: D8 to D15
Two independent threshold controls.
Port 0: D0 to D7, Port 1: D8 to D15
Threshold selection
TTL, CMOS, ECL, PECL, user-defined
TTL, CMOS, ECL, PECL, user-defined
Port threshold accuracy
±350 mV (inclusive of hysteresis)
±350 mV (inclusive of hysteresis)
Hysteresis
< ±250 mV
< ±250 mV
Minimum input voltage swing
500 mV pk-pk
500 mV pk-pk
Channel-to-channel skew
2 ns, typical
2 ns, typical
Minimum input slew rate
10 V/µs
10 V/µs
Overvoltage protection
±50 V
±50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com