Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT4103C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4103C
Description  15 Watt Isolated DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4103C Datasheet(HTML) 1 Page - Texas Instruments

  PT4103C Datasheet HTML 1Page - Texas Instruments PT4103C Datasheet HTML 2Page - Texas Instruments PT4103C Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Standard Application
• 15W Output Power (1)
• Input Voltage Range:
36V to 75V
• 1500 VDC Isolation
• Low-Profile
• Current Limit
• Short-Circuit Protection
• Over-Temperature Shutdown
• UL1950 recognized
• CSA 22.2 950 certified
• Meets EN60950
Pin-Out Information
Ordering Information
Through-Hole
PT4101A = 5 Volts
PT4102A = 12 Volts
PT4103A = 15 Volts
(1)
PT4110A = 3.3 Volts
PT4117A = 5.2 Volts
Surface Mount
PT4101C = 5 Volts
PT4102C = 12 Volts
PT4103C = 15 Volts
(1)
PT4110C = 3.3 Volts
PT4117C = 5.2 Volts
(For dimensions and PC
board layout, see Package
Style 710.)
Pin
Function
1
Remote
ON/OFF
2-Vin
3+Vin
4-Vout
5+Vout
6
Do not connect
Specifications
Characteristics
PT4100—48V SERIES
(T
a=25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo = 3.3V
0
—
4.0 (1)
Vo = 5V
0
—
3.0
A
Vo = 12V
0
—
1.25
Vo = 15V
0
—
1.0
On/Off Standby Current
Iin standby
Vin = 48V, Pin 1 = -Vin
—7
10
mA
Short Circuit Current
Isc
Vin = 48V
Vo ≤ 5.2V
—
5.5
—
Vo = 12V
—
3.5
—
A
Vo = 15V
—
2.0
—
Inrush Current
Iir
Vin = 48V @ max Io
—
0.6
1.0
A
tir
On start-up
—
1.0
5.0
mSec
Input Voltage Range
Vin
Io = 0.1 to max Io
36.0
48.0
75.0
V
Output Voltage Tolerance
∆Vo
Over Vin Range
TA= -40°C to +85°C
—
±1.0
±2.0
%Vo
Line Regulation
Regline
Over Vin range @ max Io
—
±0.2
±1.0
%Vo
Load Regulation
Regload
10% to 100% of Io max
—
±0.4
±1.0
%Vo
Vo Ripple/Noise
Vn
Vin=48V, Io=4.0A,
Vo=3.3V
—
70
90
Vin=48V, Io=3.0A,
Vo=5V
—
75
100
mVpp
Vin=48V, Io=1.25A,
Vo=12V
—
120
150
Vin=48V, Io=1.0A,
Vo=15V
—
100
200
Transient Response
ttr
50% load change
—
100
200
µSec
Vo over/undershoot
—
3.0
5.0
%Vo
Efficiency
η
Vin=48V, Io=4.0A,
Vo = 3.3V
—
75
—
Vin=48V, Io=3.0A,
Vo = 5V
—
80
—
%
Vin=48V, Io=1.25A,
Vo=12V
—
81
—
Vin=48V, Io=1A,
Vo=15V
—
82
—
Switching Frequency
ƒo
Over Vin and Io,
Vo≤5.2V
800
850
900
kHz
Vo=12V/15V
600
650
700
Recommended Operating
Ta
Vin = 48V @ max Io
-40
—
+85 (2)
Temperature Range
Free air convection, (40-60LFM)
°C
PT4110 with 200 LFM airflow
0
—
+70 (1)
Thermal Resistance
θ
ja
Free Air Convection, (40-60LFM)
—
14
—
°C/W
Case Temperature
Tc
@ Thermal shutdown
—
—
100
°C
Storage Temperature
Ts
—
-40
—
110
°C
Mechanical Shock
—
Per Mil-STD-202F, Method 213B,
—50
—
G’s
6mS, Half-sine, mounted to a PCB
Mechanical Vibration
—
Per Mil-STD-202F, Method 204D,
—10
—
G’s
10-500Hz, Soldered in a PCB
Weight
—
—
—
28
—
grams
Isolation
—
—
1500
—
—
V
Capacitance
—
—
—
1100
—
pF
Resistance
—
—
10
—
—
M
Ω
Flammability
—
Materials meet UL 94V-0
Remote On/Off
On (3)
Referenced to –Vin
2.5
7.0
V
Off
0
0.8
Notes: (1) The PT4110 is limited to 13.2W output over the temperature range of 0–70°C with 200LFM airflow.
(2) See thermal derating curves
(3) If pin 2 is left open, the converter will operate when input power is applied
PT4100—48V
15 Watt Isolated DC-DC Converter
SLTS021A
(Revised 1/16/2001)
The PT4100—48V series of dc/dc
converters provide up 18 Watts/in3 of
isolated power in a single low-profile
module. Designed to operate from a
standard 48V telecom bus, these modules
employ switching frequencies of up to
850kHz, planar magnetics, and surface-
mount construction. They are designed
for Telecom, Industrial, Computer, Medical,
and other distributed power applications
that require input-to-output isolation.
+Vout
-Vout
-Vin
+Vin
3
24
5
On/Off
1
PT4100


Similar Part No. - PT4103C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4103C TI-PT4103C Datasheet
194Kb / 3P
48V 15 WATT ISOLATED DC-DC CONVERTER
PT4103C TI1-PT4103C Datasheet
180Kb / 4P
1500 VDC Isolation
More results

Similar Description - PT4103C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
48V 15 WATT ISOLATED DC-DC CONVERTER
logo
AIMTEC
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
15 Watt | DC-DC Converter
logo
Bothhand USA, LP.
B7-LF-SERIES BOTHHAND-B7-LF-SERIES Datasheet
818Kb / 8P
10 To 15 Watt Isolated DC-DC Converter
F7-LF-SERIES BOTHHAND-F7-LF-SERIES Datasheet
805Kb / 7P
15 Watt Isolated DC-DC Converter
F7W-LF-SERIES BOTHHAND-F7W-LF-SERIES Datasheet
762Kb / 6P
15 Watt Isolated DC-DC Converter
F7LF BOTHHAND-F7LF Datasheet
805Kb / 7P
15 Watt Isolated DC-DC Converter
F7WLF BOTHHAND-F7WLF Datasheet
762Kb / 6P
15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
15 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com