Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT4103C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4103C
Description  15 Watt Isolated DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4103C Datasheet(HTML) 2 Page - Texas Instruments

  PT4103C Datasheet HTML 1Page - Texas Instruments PT4103C Datasheet HTML 2Page - Texas Instruments PT4103C Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
0
0.5
1
1.5
2
2.5
3
36
40
44
48
52
56
60
64
68
72
˝
Note A:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
Note B:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM.
PT4102, 12.0 VDC
(See Note A.)
PT4103, 15.0 VDC
(See Note A.)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B.)
Thermal Derating (Ta)
(See Note B.)
Thermal Derating (Ta)
(See Note B.)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT4101, 5.0 VDC
(See Note A.)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
85°
70°
Iout-(Amps)
40
50
60
70
80
90
100
00.5
11.5
22.5
3
36V
48V
60V
72V
Vin
40
50
60
70
80
90
100
0.25
0.5
0.75
1
1.25
36V
48V
60V
72V
Vin
40
50
60
70
80
90
100
0.25
0.5
0.75
1
36V
48V
60V
72V
Vin
0
20
40
60
80
100
120
0.25
0.5
0.75
1
72V
60V
48V
36V
Vin
0
20
40
60
80
100
120
0.25
0.5
0.75
1
1.25
72V
60V
48V
36V
Vin
0
20
40
60
80
100
120
00.5
11.5
22.5
3
72V
60V
48V
36V
Vin
0
0.25
0.5
0.75
1
1.25
36
40
44
48
52
56
60
64
68
72
˝
85°
70°
0
0.25
0.5
0.75
1
36
40
44
48
52
56
60
64
68
72
˝
85°
70°
0
1
2
3
4
5
0.25
0.5
0.75
1
72V
60V
48V
36V
Vin
0
1
2
3
4
5
0.25
0.5
0.75
1
1.25
72V
60V
48V
36V
Vin
0
1
2
3
4
5
00.5
11.5
22.5
3
72V
60V
48V
36V
Vin
PT4100—48V
15 Watt Isolated DC-DC Converter



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com