Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC16245ADL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # VC16245ADL
Description  16-bit bus transceiver with direction pin; 5V tolerant 3-State
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16245ADL Datasheet(HTML) 3 Page - NXP Semiconductors

  VC16245ADL Datasheet HTML 1Page - NXP Semiconductors VC16245ADL Datasheet HTML 2Page - NXP Semiconductors VC16245ADL Datasheet HTML 3Page - NXP Semiconductors VC16245ADL Datasheet HTML 4Page - NXP Semiconductors VC16245ADL Datasheet HTML 5Page - NXP Semiconductors VC16245ADL Datasheet HTML 6Page - NXP Semiconductors VC16245ADL Datasheet HTML 7Page - NXP Semiconductors VC16245ADL Datasheet HTML 8Page - NXP Semiconductors VC16245ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
3 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Fig 2.
IEC logic symbol
G3
G6
3EN1[BA]
6EN1[BA]
3EN2[AB]
6EN2[AB]
1A0
2A1
2A0
2A2
2A3
2A4
2A5
2A6
2A7
2B1
2B2
2B3
2B4
2B5
2B6
2B7
1OE
1DIR
001aaa790
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1B0
2B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
5
4
2
1
2OE
2DIR
Fig 3.
Bus hold circuit
to internal circuit
mna705
VCC
data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com