Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC16245ADL Datasheet (PDF) - NXP Semiconductors

VC16245ADL Datasheet PDF - NXP Semiconductors
Part # VC16245ADL
Download  VC16245ADL Download
File Size   107.51 Kbytes
Page   19 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit bus transceiver with direction pin; 5V tolerant 3-State

VC16245ADL Datasheet (PDF)

Go To PDF Page Download Datasheet
VC16245ADL Datasheet PDF - NXP Semiconductors

Part # VC16245ADL
Download  VC16245ADL Click to download

File Size   107.51 Kbytes
Page   19 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit bus transceiver with direction pin; 5V tolerant 3-State

VC16245ADL Datasheet (HTML) - NXP Semiconductors


VC16245ADL Product details

DESCRIPTION
The 74LVC(H)16245A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Inputs can be driven from either 3.3V or 5V devices. In 3-State operation, outputs can handle 5V. These features allow the use of these devices in a mixed 3.3V/5V environment.

FEATURES
• 5 volt tolerant inputs/outputs for interfacing with 5V logic
• Wide supply voltage range of 1.2V to 3.6V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• MULTIBYTETM flow-through standard pin-out architecture
• Low inductance multiple power and ground pins for minimum noise and ground bounce
• Direct interface with TTL levels
• High impedance when VCC = 0
• All data inputs have bus hold (74LVCH16245A only)




Similar Part No. - VC16245ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VC16240ADGG PHILIPS-VC16240ADGG Datasheet
78Kb / 10P
16-bit buffer/line driver; inverting 3-State
1997 Jul 29
VC16240ADL PHILIPS-VC16240ADL Datasheet
78Kb / 10P
16-bit buffer/line driver; inverting 3-State
1997 Jul 29
VC16241ADGG PHILIPS-VC16241ADGG Datasheet
78Kb / 10P
16-bit buffer/line driver 3-State
1997 Jul 29
VC16241ADL PHILIPS-VC16241ADL Datasheet
78Kb / 10P
16-bit buffer/line driver 3-State
1997 Jul 29
VC16244ADGG PHILIPS-VC16244ADGG Datasheet
78Kb / 10P
16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
More results


Similar Description - VC16245ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com