Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C86ATIPG Datasheet(PDF) 14 Page - Microchip Technology

Part # 93C86ATIPG
Description  16K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C86ATIPG Datasheet(HTML) 14 Page - Microchip Technology

Back Button 93C86ATIPG Datasheet HTML 10Page - Microchip Technology 93C86ATIPG Datasheet HTML 11Page - Microchip Technology 93C86ATIPG Datasheet HTML 12Page - Microchip Technology 93C86ATIPG Datasheet HTML 13Page - Microchip Technology 93C86ATIPG Datasheet HTML 14Page - Microchip Technology 93C86ATIPG Datasheet HTML 15Page - Microchip Technology 93C86ATIPG Datasheet HTML 16Page - Microchip Technology 93C86ATIPG Datasheet HTML 17Page - Microchip Technology 93C86ATIPG Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C
DS21797G-page 14
© 2005 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Example:
6-Lead SOT-23
8-Lead MSOP (150 mil)
Example:
XXXXXXT
YWWNNN
3L86CI
5281L7
XXNN
5EL7
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P
1L7
93LC86C
0528
Example:
Example:
SN
0528
93LC86CI
1L7
1L7
L86C
I528
Example:
SOT23 Marking Codes
Device
93AA86A
93AA86B
93LC86A
93LC86B
93C86A
93C86B
I-temp
5BNN
5LNN
5ENN
5PNN
5HNN
5TNN
E-temp
–
–
5FNN
5RNN
5JNN
5UNN
Pb-free topside mark is same; Pb-free
noted only on carton label.
3
e
3
e
8-Lead 2x3 DFN
3E4
528
L7
Example:
XXX
YWW
NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com