Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C86ATIPG Datasheet(PDF) 1 Page - Microchip Technology

Part # 93C86ATIPG
Description  16K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C86ATIPG Datasheet(HTML) 1 Page - Microchip Technology

  93C86ATIPG Datasheet HTML 1Page - Microchip Technology 93C86ATIPG Datasheet HTML 2Page - Microchip Technology 93C86ATIPG Datasheet HTML 3Page - Microchip Technology 93C86ATIPG Datasheet HTML 4Page - Microchip Technology 93C86ATIPG Datasheet HTML 5Page - Microchip Technology 93C86ATIPG Datasheet HTML 6Page - Microchip Technology 93C86ATIPG Datasheet HTML 7Page - Microchip Technology 93C86ATIPG Datasheet HTML 8Page - Microchip Technology 93C86ATIPG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21797G-page 1
93AA86A/B/C, 93LC86A/B/C,
93C86A/B/C
Device Selection Table
Features:
• Low-power CMOS technology
• ORG pin to select word size for ‘86C’ version
• 2048 x 8-bit organization ‘A’ devices (no ORG)
• 1024 x 16-bit organization ‘B’ devices (no ORG)
• Program Enable pin to write-protect the entire
array (‘86C’ version only)
• Self-timed erase/write cycles (including
auto-erase)
• Automatic ERAL before WRAL
• Power-on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device Status signal (Ready/Busy)
• Sequential read function
• 1,000,000 E/W cycles
• Data retention > 200 years
• Temperature ranges supported:
Pin Function Table
Description:
The Microchip Technology Inc. 93XX86A/B/C devices
are 16K bit low-voltage serial Electrically Erasable
PROMs (EEPROM). Word-selectable devices such as
the 93XX86C are dependent upon external logic
levels driving the ORG pin to set word size. In the
SOT-23 package, the 93XX86A devices provide
dedicated 8-bit memory organization, while the
93XX86B devices provide dedicated 16-bit memory
organization. A Program Enable (PE) pin allows the
user to write-protect the entire memory array.
Advanced CMOS technology makes these devices
ideal for low-power, nonvolatile memory applications.
The entire 93XX Series is available in standard
packages including 8-lead PDIP and SOIC, and
advanced packaging including 8-lead MSOP, 6-lead
SOT-23, 8-lead 2x3 DFN and 8-lead TSSOP. Pb-free
(Pure Matte Sn) finish is available.
Package Types (not to scale)
Part Number
VCC Range
ORG Pin
PE Pin
Word Size
Temp Ranges
Packages
93AA86A
1.8-5.5
No
No
8-bit
I
OT
93AA86B
1.8-5-5
No
No
16-bit
I
OT
93LC86A
2.5-5.5
No
No
8-bit
I, E
OT
93LC86B
2.5-5.5
No
No
16-bit
I, E
OT
93C86A
4.5-5.5
No
No
8-bit
I, E
OT
93C86B
4.5-5.5
No
No
16-bit
I, E
OT
93AA86C
1.8-5.5
Yes
Yes
8 or 16-bit
I
P, SN, ST, MS, MC
93LC86C
2.5-5.5
Yes
Yes
8 or 16-bit
I, E
P, SN, ST, MS, MC
93C86C
4.5-5.5
Yes
Yes
8 or 16-bit
I, E
P, SN, ST, MS, MC
- Industrial (I)
-40°C to +85°C
- Automotive (E) -40°C to +125°C
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
PE
Program Enable
ORG
Memory Configuration
VCC
Power Supply
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
PE
ORG
VSS
PDIP/SOIC
(P, SN)
TSSOP/MSOP
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
PE
ORG
VSS
(ST, MS)
SOT-23
DO
VSS
DI
1
2
3
6
5
4
VCC
CS
CLK
(OT)
DFN
CS
CLK
DI
DO
PE
ORG
VSS
VCC
8
7
6
5
1
2
3
4
(MC)
16K Microwire Compatible Serial EEPROM


Similar Part No. - 93C86ATIPG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C86AT-E/CH MICROCHIP-93C86AT-E/CH Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
93C86AT-E/MC MICROCHIP-93C86AT-E/MC Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
93C86AT-E/MS MICROCHIP-93C86AT-E/MS Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
93C86AT-E/OT MICROCHIP-93C86AT-E/OT Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
93C86AT-E/P MICROCHIP-93C86AT-E/P Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Similar Description - 93C86ATIPG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
8K/16K 2.5V Microwire Serial EEPROM
1996
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
logo
Microchip Technology
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
16K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
16K Microwire Compatible Serial EEPROM
01/26/04
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
logo
ON Semiconductor
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
16K-Bit Microwire Serial EEPROM
Rev. S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com