Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FLA
Description  Precision Resistor (Conformally Coated)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FLA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FLA Datasheet HTML 1Page - List of Unclassifed Manufacturers FLA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency Characteristics
Performance
Temperature of Resistor Surface
Parameters
Test Condition
ALPHA Specification
ALPHA Typical Test Data
Max. Rated Operating Temperature
Working Temperature Range
Max.Working Voltage
Temperature Cyciling
Overload
Life(Rated Load)
Life(Moisture Load)
High Temperature Exposure
Solderability
Resistance to Solvents
Low Temperature Storage
Terminal Strength
Dielectric Withstanding Voltage
Insulation Resistance
Resistance to Soldering Heat
Moisture Resistance
Storage Life
Current Noise
Pressure Cooker Test
Shock
Vibration
25 C 30min.,Room Temperature 5min.,
155 C 30min., 5cycles
Rated Voltage
2.5, 5 sec.
50G, 11ms, Half-sine Wave, X, Y, Z, each 3 shocks
20G, 10Hz to 55Hz to 10Hz, 1min., X, Y, Z, each 2hrs
70 C, Rated Power, 1.5hr.-ON, 0.5hr.-OFF, 1000hrs
40 C, 90%RH to 95%RH, Rated Power, 1.5hr.-ON, 0.5hr.-OFF, 1000hrs
155 C, No Load, 1000hrs
25 C, No Load, 2hrs
0.908kg(2pounds),10 sec.
Atmospheric:AC 300V, 1 min.
DC 100V, 1 min.
350 C, 3 sec.
65 C to
10 C, 90%RH to 98%RH, Rated Voltage, 10cycles(240hrs)
235 C, 2sec.
1 lsopropyl Alcohol 2 Trichloroethylene
70 C
25 C to
155 C
FLA
250V, FLB
FLC
300V
0.05%
0.05%
0.05%
0.05%
0.03%
0.03%
0.03%
over 10,000M
0.03%
0.1%
0.1%
0.05%
0.02%
0.05 %
over 75% coverage
no damage
25dB
0.5 %
0.01%
0.0025%
0.0025%
0.0025%
0.005%
0.005%
0.0025%
over 10,000M
0.0025%
0.015%
0.01%
0.01%
0.005%
0.01%
over 75% coverage
no damage
42dB
0.1%
15 C to 35 C, 15%RH to 75%RH, No Load, 10000hrs
121 C, 100%RH, 2atmospheric, No Load, 100hrs
1
5
10
50
100
(MHz)
Frequency
150
100
50
(%)
FLB
100
1k
40k
100
200
FLA
R
0.14 C/mW
FLB, FLC R
0.12 C/mW
FLA Surface of
Resistive Element
FLA Surface of Coated Epoxy
60
50
40
30
20
10
(mW)
300
400
500
600
Applied Power
T( C)
FLB, FLC Surface of Coated Epoxy
FLB, FLC Surface of
Resistive Element
10
10k



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com