Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FLA
Description  Precision Resistor (Conformally Coated)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FLA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FLA Datasheet HTML 1Page - List of Unclassifed Manufacturers FLA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Resistor
(Conformally Coated)
TCR, Resistance Range,Tolerance, Rated Power
Power Derating Curve
Composition of Type Number
Configuration
FLA X 500R00 B
Resistance value, in ohm, is expressed by a series of 6 characters, 5 of
which represent significant digits while the 6th R or K is a dual purpose
letter that designates both the value range (R for ohmic;K for kilo-ohm)
and the location of decimal point.
Tolerance
Resistance Value
Type
TCR
Example:
Type
FLA
FLB
FLC
L
W
T
F
t
a
b
c
5.6
0.5
2.54
0.25
7.5
0.5
6.2
0.5
5.08
0.25
8.2
0.5
2.2
0.5
5
1
0.3
0.05
1.0
0.05
0.65
0.05
0.4
0.05
6.2
0.5
Dimensions in mm
Type
TCR(ppm C)
FLA
FLB
FLC
25 C to
125 C
Resistance
Range( )
Resistance
Tolerance(%)*
Rated Power(W)
at 70 C
0
5(X)
0
2.5(Y)
0
5(X)
0
2.5(Y)
0
5(X)
0
2.5(Y)
10 to 30
30 to 100
100 to 100k
10 to 30
30 to 100
100 to 150k
10 to 30
30 to 100
100 to 200k
0.5(D)
1.0(F)
0.1(B)
0.5(D)
0.05(A)
0.1(B)
0.5(D)
1.0(F)
0.1(B)
0.5(D)
0.05(A)
0.1(B)
0.5(D)
1.0(F)
0.1(B)
0.5(D)
0.05(A)
0.1(B)
0.125
0.25
0.25
Symbols parenthesized are for type number composition.
*Resistance figures are the values obtained by measuring at the point 2.5
1.0mm
below the shoulder of leads.
20
40
60
80
100
100
80
60
40
20
(%)
( C)
160
155
120
70
140
Ambient Temperature
W


Similar Part No. - FLA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FLA LITTELFUSE-FLA Datasheet
42Kb / 1P
Axial Lead and Cartridge Fuses
logo
SICK AG
FLA-DIAG00001 SICK-FLA-DIAG00001 Datasheet
616Kb / 5P
SAFE SERIES CONNECTION
FLA-MSTR00001 SICK-FLA-MSTR00001 Datasheet
618Kb / 5P
SAFE SERIES CONNECTION
FLA-MSTR00002 SICK-FLA-MSTR00002 Datasheet
644Kb / 6P
SAFE SERIES CONNECTION
FLA-PWRI00001 SICK-FLA-PWRI00001 Datasheet
545Kb / 5P
SAFE SERIES CONNECTION
More results

Similar Description - FLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLD1X10K00BA ETC-SLD1X10K00BA Datasheet
50Kb / 2P
Precision Resistor 1-2-3 Network(Conformally Coated)
logo
NIC-Components Corp.
NCM NIC-NCM Datasheet
83Kb / 2P
Conformally Coated, Radial Multilayer Ceramic Capacitors
logo
Cornell Dubilier Electr...
M15 CDE-M15 Datasheet
157Kb / 6P
Conformally coated, radial leaded
P10 CDE-P10 Datasheet
189Kb / 4P
Conformally coated, axial leaded
logo
Kemet Corporation
SBC1-101-571 KEMET-SBC1-101-571 Datasheet
509Kb / 12P
Conformally Coated SBC Coils
SBCP-47HY150HB KEMET-SBCP-47HY150HB Datasheet
366Kb / 6P
Conformally Coated SBCP Coils
logo
RENCO ELECTRONICS, INC.
RL-1505 RENCO-RL-1505 Datasheet
177Kb / 2P
MINI-INDUCTORS CONFORMALLY COATED
RL-1506 RENCO-RL-1506 Datasheet
1Mb / 3P
MINI-INDUCTORS CONFORMALLY COATED
RL-1507 RENCO-RL-1507 Datasheet
1Mb / 3P
MINI-INDUCTORS CONFORMALLY COATED
RL-1508 RENCO-RL-1508 Datasheet
1Mb / 2P
MINI-INDUCTORS CONFORMALLY COATED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com