Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F032D70N1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29F032D70N1
Description  32 Mbit (4Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F032D70N1 Datasheet(HTML) 1 Page - STMicroelectronics

  M29F032D70N1 Datasheet HTML 1Page - STMicroelectronics M29F032D70N1 Datasheet HTML 2Page - STMicroelectronics M29F032D70N1 Datasheet HTML 3Page - STMicroelectronics M29F032D70N1 Datasheet HTML 4Page - STMicroelectronics M29F032D70N1 Datasheet HTML 5Page - STMicroelectronics M29F032D70N1 Datasheet HTML 6Page - STMicroelectronics M29F032D70N1 Datasheet HTML 7Page - STMicroelectronics M29F032D70N1 Datasheet HTML 8Page - STMicroelectronics M29F032D70N1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1/35
PRELIMINARY DATA
April 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M29F032D
32 Mbit (4Mb x8, Uniform Block)
5V Supply Flash Memory
FEATURES SUMMARY
s
SUPPLY VOLTAGE
–VCC = 5V ±10% for PROGRAM, ERASE and
READ OPERATIONS
s
ACCESS TIME: 70 ns
s
PROGRAMMING TIME
– 10µs per Byte typical
s
64 UNIFORM 64Kbyte MEMORY BLOCKS
s
PROGRAM/ERASE CONTROLLER
– Embedded Byte Program algorithms
s
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
s
UNLOCK BYPASS PROGRAM COMMAND
– Faster Production/Batch Programming
s
TEMPORARY BLOCK UNPROTECTION
MODE
s
COMMON FLASH INTERFACE
– 64 bit Security Code
s
LOW POWER CONSUMPTION
– Standby and Automatic Standby
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: ACh
Figure 1. Packages
TSOP40 (N)
10 x 20mm


Similar Part No. - M29F032D70N1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002 STMICROELECTRONICS-M29F002 Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
logo
Advanced Micro Devices
M29F002 AMD-M29F002 Datasheet
436Kb / 37P
2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
fujitsu semiconductor
M29F002 FUJITSU-M29F002 Datasheet
461Kb / 46P
2M (256K X 8) BIT
logo
STMicroelectronics
M29F002B STMICROELECTRONICS-M29F002B Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
M29F002B-120K1TR STMICROELECTRONICS-M29F002B-120K1TR Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
More results

Similar Description - M29F032D70N1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
13-Jun-2006
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
12-Sep-2003
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
02-Sep-2004
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
M29F080D STMICROELECTRONICS-M29F080D_05 Datasheet
602Kb / 37P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com