Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PB709ASL/DG Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 2PB709ASL/DG
Description  45 V, 100 mA PNP general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PB709ASL/DG Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  2PB709ASL/DG Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2PB709AXL_1
Product data sheet
Rev. 01 — 12 November 2008
5 of 9
Nexperia
2PB709ARL; 2PB709ASL
45 V, 100 mA PNP general-purpose transistors
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
/DG: halogen-free
11. Soldering
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number[2]
Package
Description
Packing quantity
3000
10000
2PB709ARL
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
2PB709ASL
2PB709ARL/DG
2PB709ASL/DG
Fig 2.
Reflow soldering footprint SOT23 (TO-236AB)
solder lands
solder resist
occupied area
solder paste
sot023_fr
0.5
(3
×)
0.6
(3
×)
0.6
(3
×)
0.7
(3
×)
3
1
3.3
2.9
1.7
1.9
2
Dimensions in mm
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com