Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PB709ASL/DG Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 2PB709ASL/DG
Description  45 V, 100 mA PNP general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PB709ASL/DG Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

  2PB709ASL/DG Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PB709ASL/DG Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2PB709AXL_1
Product data sheet
Rev. 01 — 12 November 2008
6 of 9
Nexperia
2PB709ARL; 2PB709ASL
45 V, 100 mA PNP general-purpose transistors
Fig 3.
Wave soldering footprint SOT23 (TO-236AB)
solder lands
solder resist
occupied area
preferred transport direction during soldering
sot023_fw
2.8
4.5
1.4
4.6
1.4
(2
×)
1.2
(2
×)
2.2
2.6
Dimensions in mm
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com