Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PB710AXL Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 2PB710AXL
Description  50 V, 500 mA PNP general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PB710AXL Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  2PB710AXL Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2PB710AXL_1
Product data sheet
Rev. 01 — 29 October 2008
3 of 9
Nexperia
2PB710ARL; 2PB710ASL
50 V, 500 mA PNP general-purpose transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
−60
V
VCEO
collector-emitter voltage
open base
-
−50
V
VEBO
emitter-base voltage
open collector
-
−5V
IC
collector current
-
−500
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
−1A
IBM
peak base current
single pulse;
tp ≤ 1ms
-
−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] -
-
500
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = −60 V; IE =0A
-
-
−10
nA
VCB = −60 V; IE =0A;
Tj = 150 °C
--
−5
µA
IEBO
emitter-base cut-off current VEB = −5 V; IC =0A
-
-
−10
nA
hFE
DC current gain
VCE = −10 V;
IC = −500 mA
[1] 40
-
-
hFE group R
VCE = −10 V;
IC = −150 mA
[1] 120
-
240
hFE group S
VCE = −10 V;
IC = −150 mA
[1] 170
-
340
VCEsat
collector-emitter saturation
voltage
IC = −300 mA;
IB = −30 mA
[1] --
−600 mV
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com