Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PB710AXL Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 2PB710AXL
Description  50 V, 500 mA PNP general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PB710AXL Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  2PB710AXL Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PB710AXL Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
PNP general-purpose transistors in a small SOT23 (TO-236AB) Surface-Mounted
Device (SMD) plastic package.
[1]
/DG: halogen-free
1.2 Features
I General-purpose transistors
I Two current gain selections
I AEC-Q101 qualified
I Small SMD plastic package
1.3 Applications
I General-purpose switching and amplification
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
2PB710ARL; 2PB710ASL
50 V, 500 mA PNP general-purpose transistors
Rev. 01 — 29 October 2008
Product data sheet
Table 1.
Product overview
Type number[1]
Package
NPN complement
Nexperia
JEDEC
2PB710ARL
SOT23
TO-236AB
2PD602ARL
2PB710ASL
2PD602ASL
2PB710ARL/DG
SOT23
TO-236AB
2PD602ARL/DG
2PB710ASL/DG
2PD602ASL/DG
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−50
V
IC
collector current
-
-
−500 mA
hFE
DC current gain
VCE = −10 V;
IC = −150 mA
[1]
hFE group R
120
-
240
hFE group S
170
-
340


Similar Part No. - 2PB710AXL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
logo
Guangdong Kexin Industr...
2PB710A KEXIN-2PB710A Datasheet
40Kb / 2P
PNP General Purpose Transistor
logo
NXP Semiconductors
2PB710A NXP-2PB710A Datasheet
207Kb / 6P
PNP general purpose transistor
1999 May 31
logo
Nexperia B.V. All right...
2PB710A NEXPERIA-2PB710A Datasheet
385Kb / 7P
PNP general purpose transistor
1999 May 31
logo
NXP Semiconductors
2PB710AQ PHILIPS-2PB710AQ Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
More results

Similar Description - 2PB710AXL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB710ARL NXP-2PB710ARL Datasheet
64Kb / 9P
50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008
BC807 NXP-BC807 Datasheet
242Kb / 19P
45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
BC807-40.215 NXP-BC807-40.215 Datasheet
242Kb / 19P
45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC807-25QA NEXPERIA-BC807-25QA Datasheet
898Kb / 15P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 30 August 2013
BC806W_SER NEXPERIA-BC806W_SER Datasheet
247Kb / 12P
80 V, 500 mA PNP general-purpose transistors
Rev. 2 - 27 November 2019
BC807-Q_SER NEXPERIA-BC807-Q_SER Datasheet
302Kb / 13P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 June 2021
BC807QB-Q_SER NEXPERIA-BC807QB-Q_SER Datasheet
329Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 2 - 4 May 2021
BC807QCH-Q_SER NEXPERIA-BC807QCH-Q_SER Datasheet
317Kb / 13P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 25 January 2022
BC807W-Q_SER NEXPERIA-BC807W-Q_SER Datasheet
308Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 8 June 2021
2PB710ASL-Q NEXPERIA-2PB710ASL-Q Datasheet
183Kb / 8P
50 V, 500 mA PNP general-purpose transistors
3 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com