Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ASW Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 2PD601ASW
Description  50 V, 100 mA NPN general purpose transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601ASW Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  2PD601ASW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Nexperia
2PD601ASW
50 V, 100 mA NPN general purpose transistor
Tamb (°C)
-75
175
125
25
75
-25
aaa-035228
100
150
50
200
250
Ptot
(mW)
0
FR4 PCB, single-sided, 35 μm copper, tin-plated and standard footprint
Fig. 1. Power derating curve
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
[1]
-
-
625
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, 35 μm copper, tin-plated and standard footprint.
aaa-035229
1
10-2
10-1
103
10
103
Zth(j-a)
(K/W)
10-3
tp (s)
10-6
10-1
1
10-2
102
103
10
10-3
10-5
10-4
duty cycle = 1
0
0.01
0.02
0.75
0.50 0.33
0.20
0.10
0.05
FR4 PCB, single-sided, 35 µm copper, tin-plated and standard footprint.
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
2PD601ASW
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
3 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com