Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ASW Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 2PD601ASW
Description  50 V, 100 mA NPN general purpose transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601ASW Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  2PD601ASW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601ASW Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Nexperia
2PD601ASW
50 V, 100 mA NPN general purpose transistor
aaa-035234
0.4
0.8
1.2
VBEsat
(V)
0
IC (mA)
10-1
102
10
1
(1)
(2)
(3)
IC/IB = 10
(1) Tamb = -55 °C
(2) Tamb = 25 °C
(3) Tamb = 150 °C
Fig. 5. Base-emitter saturation voltage as a function of
collector current; typical values
aaa-035235
IC (mA)
10-1
102
10
1
10-1
1
VCEsat
(V)
10-2
(1)
(2)
(3)
IC/IB = 10
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = -55 °C
Fig. 6. Collector-emitter saturation voltage as a
function of collector current; typical values
11. Package outline
04-11-04
Dimensions in mm
0.45
0.15
1.1
0.8
2.2
1.8
2.2
2.0
1.35
1.15
1.3
0.4
0.3
0.25
0.10
1
2
3
Fig. 7. Package outline SC-70 (SOT323)
2PD601ASW
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
5 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com