Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC54PAS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC54PAS
Description  45V/60V/80V, 1A NPN medium power transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC54PAS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC54PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC54PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
NPN medium power transistor series encapsulated in an ultra thin
DFN2020D-3 (SOT1061D) leadless small Surface-Mounted Device (SMD) plastic
package with medium power capability and visible and solderable side pads.
[1]
Valid for all available selection groups.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
BC54PAS; BC55PAS; BC56PAS
45V/60V/80V, 1A NPN medium power transistors
Rev. 1 — 11 November 2014
Product data sheet
Table 1.
Product overview
Type number[1]
Package
PNP complement
BC54PAS
DFN2020D-3
SOT1061D
BC51PAS
BC55PAS
BC52PAS
BC56PAS
BC53PAS
 High collector current capability IC and
ICM
 Three current gain selections
 Reduced Printed-Circuit Board (PCB)
area requirements
 Leadless very small SMD plastic
package with medium power capability
 Exposed heat sink for excellent thermal
and electrical conductivity
 Suitable for Automatic Optical
Inspection (AOI) of solder joint
 AEC-Q101 qualified
 Linear voltage regulators
 Low-side switches
 Battery driven devices
 Power management
 MOSFET drivers
 Amplifiers
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VCEO
collector-emitter voltage
open base
BC54PAS
--45
V
BC55PAS
--60
V
BC56PAS
--80
V
IC
collector current
-
-
1
A


Similar Part No. - BC54PAS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC54PAS NEXPERIA-BC54PAS Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
BC54PAS NEXPERIA-BC54PAS Datasheet
262Kb / 11P
45 V, 1 A NPN medium power transistors
9 October 2024
More results

Similar Description - BC54PAS

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4912 MOSPEC-2N4912 Datasheet
188Kb / 4P
POWER TRANSISTORS(1A,80V,25W)
logo
Rohm
2SA2091S ROHM-2SA2091S Datasheet
97Kb / 4P
Medium power transistor (-60V, -1A)
2SD1834 ROHM-2SD1834_10 Datasheet
136Kb / 3P
Medium Power Transistor (60V, 1A)
2SD1834T100 ROHM-2SD1834T100 Datasheet
136Kb / 3P
Medium Power Transistor (60V, 1A)
logo
Diodes Incorporated
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
80V NPN MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
ZXTD4591E6 DIODES-ZXTD4591E6_16 Datasheet
691Kb / 8P
COMPLEMENTARY 60V NPN/PNP MEDIUM POWER TRANSISTORS
Rev 2
logo
SeCoS Halbleitertechnol...
BCP55 SECOS-BCP55 Datasheet
489Kb / 2P
1A , 60V NPN Silicon Medium Power Transistor
logo
Diodes Incorporated
BCP5616Q DIODES-BCP5616Q Datasheet
380Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR
Rev 3
logo
Nexperia B.V. All right...
BC54PAS NEXPERIA-BC54PAS Datasheet
1Mb / 14P
45V/60V/80V, 1A NPN medium power transistors
logo
Diodes Incorporated
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com