Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846DS Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # BC846DS
Description  65 V, 100 mA NPN/NPN general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC846DS Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button BC846DS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BC846DS
©
Nexperia B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 July 2009
10 of 12
Nexperia
BC846DS
65 V, 100 mA NPN/NPN general-purpose transistor
12. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BC846DS
20090717
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com