Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846DS Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # BC846DS
Description  65 V, 100 mA NPN/NPN general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC846DS Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button BC846DS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC846DS Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BC846DS
©
Nexperia B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 July 2009
11 of 12
Nexperia
BC846DS
65 V, 100 mA NPN/NPN general-purpose transistor
13. Legal information
13.1
Data sheet status
[1]
Please consult the most recently issued document before initiating or completing a design.
[2]
The term ‘short data sheet’ is explained in section “Definitions”.
[3]
The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status
information is available on the Internet at URL http://www.
nexperia.com.
damage.
Nexperia accepts no liability for inclusion and/or use of Nexperia
products in such equipment or applications and therefore such inclusion and/
or use is at the customer’s own risk.
Applications — Applications that are described herein for any of these
products are for illustrative purposes only.
Nexperia makes no representation
or warranty that such applications will be suitable for the specified use
without further testing or modification.
Limiting values — Stress above one or more limiting values (as defined in
the Absolute Maximum Ratings System of IEC 60134) may cause permanent
damage to the device. Limiting values are stress ratings only and operation of
the device at these or any other conditions above those given in the
Characteristics sections of this document is not implied. Exposure to limiting
values for extended periods may affect device reliability.
Terms and conditions of sale —
Nexperia products are sold subject to the
general terms and conditions of commercial sale, as published at http://
www.
nexperia.com/profile/terms, including those pertaining to warranty,
intellectual property rights infringement and limitation of liability, unless
explicitly otherwise agreed to in writing by
Nexperia. In case of any
inconsistency or conflict between information in this document and such
terms and conditions, the latter will prevail.
No offer to sell or license — Nothing in this document may be interpreted
or construed as an offer to sell products that is open for acceptance or the
grant, conveyance or implication of any license under any copyrights, patents
or other industrial or intellectual property rights.
Export control — This document as well as the item(s) described herein
may be subject to export control regulations. Export might require a prior
authorization from national authorities.
Quick reference data — The Quick reference data is an extract of the
product data given in the Limiting values and Characteristics sections of this
document, and as such is not complete, exhaustive or legally binding.
13.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
13.2
Definitions
Draft — The document is a draft version only. The content is still under
internal review and subject to formal approval, which may result in
modifications or additions.
Nexperia does not give any representations or
warranties as to the accuracy or completeness of information included herein
and shall have no liability for the consequences of use of such information.
Short data sheet — A short data sheet is an extract from a full data sheet
with the same product type number(s) and title. A short data sheet is
intended for quick reference only and should not be relied upon to contain
detailed and full information. For detailed and full information see the
relevant full data sheet, which is available on request via the local
Nexperia
sales office. In case of any inconsistency or conflict with the short data sheet,
the full data sheet shall prevail.
13.3
Disclaimers
General — Information in this document is believed to be accurate and
reliable. However,
Nexperia does not give any representations or warranties,
expressed or implied, as to the accuracy or completeness of such information
and shall have no liability for the consequences of use of such information.
Right to make changes —
Nexperia reserves the right to make changes to
information published in this document, including without limitation
specifications and product descriptions, at any time and without notice. This
document supersedes and replaces all information supplied prior to the
publication hereof.
Suitability for use —
Nexperia products are not designed, authorized or
warranted to be suitable for use in medical, military, aircraft, space or life
support equipment, nor in applications where failure or malfunction of an
Nexperia product can reasonably be expected to result in personal injury,
death or severe property or environmental
Document status[1][2]
Product status[3]
Definition
Objective [short] data sheet
Development
This document contains data from the objective specification for product development.
Preliminary [short] data sheet
Qualification
This document contains data from the preliminary specification.
Product [short] data sheet
Production
This document contains the product specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com