Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P949 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # P949
Description  SB® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

P949 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  P949 Datasheet HTML 1Page - Anderson Power Products, Inc. P949 Datasheet HTML 2Page - Anderson Power Products, Inc. P949 Datasheet HTML 3Page - Anderson Power Products, Inc. P949 Datasheet HTML 4Page - Anderson Power Products, Inc. P949 Datasheet HTML 5Page - Anderson Power Products, Inc. P949 Datasheet HTML 6Page - Anderson Power Products, Inc. P949 Datasheet HTML 7Page - Anderson Power Products, Inc. P949 Datasheet HTML 8Page - Anderson Power Products, Inc. P949 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
- 88 -
All Data Subject To Change Without Notice
www.andersonpower.com
Top View
Side View
[ 25.4 ]
1.00
[ 39.7 ]
1.56
[ 79.4 ]
3.13
[ 28.6 ]
1.13
Housing marking
specifying 1328G1 contact ONLY
SB® 175 ORDERING INFORMATION
SB® 175 Connectors
Up to 280 Amps
SB® 175 Standard Housings
The second to largest SB® housings work with wire contacts up to 1/0
AWG (50 mm²) as well as busbar contacts. Genderless design mates with
itself. Mechanical keys are color-coded. NOTE: SB® 175 black housing is
keyless and can be mated with all other colors.
Description
Part Numbers
Minimum Quantity
200
50
Yellow
943-BK
943
Orange
942-BK
942
Red
949-BK
949
Gray
940-BK
940
Blue
941-BK
941
Black (Keyless)
2-7252G11 -
SB® 175 Chemical Resistant Housings
Same features as the Standard SB® 175 but molded in a
chemical resistant PBT/ PC blend. Suitable for use to -40°C.
Description
Part Numbers
Minimum Quantity
200
50
Red
P949-BK
P949
Gray
P940-BK
P940
SB® 175 2/0 Housing
Genderless design mates with itself. Can be cross mated with gray SB®
175 housing, but amperage capability is limited to the SB® 175 rating with
the wire and contact used.
Voltage
Description
Color-Code
Part Number
Minimum Quantity
100
Gray
36V
115107G1
Wires sizes from 10 to 1/0 AWG (5.3 to 50 mm²) fit in
the second to largest connector in the SB® series. The
3 pole SB® 175 adds an additional position for power
or grounding. All Multipole wire connector housings
are genderless and mate to themselves minimizing
inventory and assembly complexity.
• Silver Plated Wire Contacts up to 1/0 (50 mm²)
Allows UL rated currents up to 280 amps
• Chemical Resistant Housing Option
Extends temperature range down to -40°C, while offering
enhanced UV and chemical resistance
• UL Rated for Hot Plugging up to 100 Amps
Great for battery or other applications where the ability to
interrupt circuits is required
Mated Length
Bottom View
[ 133.4 ]
5.25
Material ID
P = Chemical
Resistant
[ 55.6]
2.19
[ 25.4 ]
1.00
[ 79.6 ]
3.13
[ 6.5 ]
Ø 0.26
(2) PLC’S
[ 28.6 ]
1.13
[ 11.3 ]
0.45
2 Pole
3 Pole


Similar Part No. - P949

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
P949 APP-P949 Datasheet
556Kb / 4P
SB® Environmental Boots
REV 03
P949-BK APP-P949-BK Datasheet
556Kb / 4P
SB® Environmental Boots
REV 03
More results

Similar Description - P949

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBS75XPRBLK ETC2-SBS75XPRBLK Datasheet
1Mb / 8P
SBS짰 Connectors - up to 110 amps
6319 ETC-6319 Datasheet
959Kb / 6P
SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com