Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5194 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5194
Description  SILICON TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5194 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5194 Datasheet HTML 3Page - Renesas Technology Corp 2SC5194 Datasheet HTML 4Page - Renesas Technology Corp 2SC5194 Datasheet HTML 5Page - Renesas Technology Corp 2SC5194 Datasheet HTML 6Page - Renesas Technology Corp 2SC5194 Datasheet HTML 7Page - Renesas Technology Corp 2SC5194 Datasheet HTML 8Page - Renesas Technology Corp 2SC5194 Datasheet HTML 9Page - Renesas Technology Corp 2SC5194 Datasheet HTML 10Page - Renesas Technology Corp 2SC5194 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2SC5194
5
S-PARAMETERS
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.928
–16.3
3.658
168.7
0.038
60.6
0.989
–7.0
200.00
0.919
–37.0
3.382
153.6
0.090
61.9
0.951
–13.4
300.00
0.886
–55.2
3.197
139.2
0.127
55.8
0.880
–27.4
400.00
0.866
–66.8
3.000
129.5
0.156
50.4
0.855
–32.8
500.00
0.827
–80.9
2.765
120.4
0.177
42.2
0.809
–39.9
600.00
0.756
–91.7
2.466
112.4
0.191
36.2
0.755
–41.9
700.00
0.738
–103.5
2.213
104.5
0.202
30.2
0.711
–47.1
800.00
0.725
–114.5
2.018
98.1
0.208
26.4
0.646
–48.3
900.00
0.706
–122.8
1.863
90.7
0.211
22.7
0.619
–52.6
1000.00
0.699
–132.2
1.712
85.6
0.210
18.8
0.569
–55.1
1100.00
0.675
–138.2
1.333
80.2
0.208
13.7
0.562
–59.2
1200.00
0.699
–145.9
1.463
76.2
0.206
9.6
0.534
–63.8
1300.00
0.718
–153.8
1.309
71.7
0.208
5.8
0.515
–65.8
1400.00
0.740
–157.1
1.235
69.1
0.208
4.0
0.504
–69.7
1500.00
0.713
–163.0
1.209
59.1
0.212
2.4
0.504
–69.9
1600.00
0.680
–166.4
1.192
55.2
0.210
2.8
0.497
–74.1
1700.00
0.697
–171.6
1.131
51.9
0.202
2.1
0.483
–76.3
1800.00
0.669
–178.6
1.119
50.5
0.194
2.7
0.486
–79.9
1900.00
0.696
178.7
1.018
47.5
0.187
1.1
0.478
–84.3
2000.00
0.702
174.8
0.955
46.1
0.178
1.2
0.490
–86.1
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.873
–29.6
9.700
161.1
0.040
54.3
0.949
–15.1
200.00
0.837
–59.1
8.346
142.1
0.084
52.9
0.850
–34.3
300.00
0.792
–82.4
7.422
126.2
0.110
46.2
0.730
–49.0
400.00
0.734
–98.8
6.092
115.4
0.125
40.4
0.643
–56.6
500.00
0.679
–114.6
5.149
107.5
0.131
35.0
0.558
–63.4
600.00
0.645
–126.9
4.519
101.8
0.137
32.0
0.500
–66.0
700.00
0.637
–137.1
3.994
95.0
0.142
28.7
0.451
–73.1
800.00
0.617
–147.5
3.563
89.3
0.143
27.4
0.395
–76.7
900.00
0.588
–153.9
3.142
84.4
0.143
26.4
0.354
–80.0
1000.00
0.600
–161.2
2.865
81.0
0.143
25.5
0.327
–83.7
1100.00
0.588
–168.1
2.535
77.1
0.143
23.5
0.321
–87.7
1200.00
0.619
–172.9
2.427
73.4
0.143
21.7
0.303
–93.3
1300.00
0.626
–178.8
2.222
69.4
0.145
20.3
0.280
–95.8
1400.00
0.639
–179.4
2.110
66.5
0.149
20.6
0.268
–100.0
1500.00
0.630
175.2
2.017
60.5
0.157
20.8
0.259
–100.4
1600.00
0.600
172.3
1.913
57.3
0.161
22.3
0.259
–103.1
1700.00
0.614
167.9
1.820
54.6
0.160
24.1
0.247
–109.6
1800.00
0.605
163.4
1.720
54.0
0.161
26.0
0.251
–112.4
1900.00
0.623
161.5
1.618
52.0
0.160
26.5
0.253
–116.8
2000.00
0.630
153.6
1.532
51.0
0.160
27.2
0.259
–117.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com