Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5194 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 2SC5194
Description  SILICON TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5194 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 2SC5194 Datasheet HTML 4Page - Renesas Technology Corp 2SC5194 Datasheet HTML 5Page - Renesas Technology Corp 2SC5194 Datasheet HTML 6Page - Renesas Technology Corp 2SC5194 Datasheet HTML 7Page - Renesas Technology Corp 2SC5194 Datasheet HTML 8Page - Renesas Technology Corp 2SC5194 Datasheet HTML 9Page - Renesas Technology Corp 2SC5194 Datasheet HTML 10Page - Renesas Technology Corp 2SC5194 Datasheet HTML 11Page - Renesas Technology Corp 2SC5194 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2SC5194
8
VCE = 3 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.940
–25.6
9.732
162.7
0.025
56.8
0.970
–10.1
200.00
0.892
–49.0
8.526
148.5
0.060
56.4
0.903
–23.7
300.00
0.873
–70.6
8.103
133.3
0.087
51.0
0.809
–36.0
400.00
0.804
–87.6
6.813
120.9
0.101
44.0
0.722
–42.0
500.00
0.713
–102.8
5.759
113.7
0.105
39.0
0.648
–45.7
600.00
0.662
–114.0
5.147
108.9
0.112
36.7
0.613
–46.6
700.00
0.654
–125.8
4.656
101.4
0.118
32.4
0.562
–53.1
800.00
0.621
–137.6
4.138
95.0
0.117
30.3
0.480
–53.9
900.00
0.579
–144.2
3.663
90.1
0.116
29.8
0.451
–55.0
1000.00
0.584
–151.7
3.332
87.1
0.117
29.3
0.421
–56.3
1100.00
0.571
–158.9
3.050
87.7
0.118
27.0
0.415
–60.6
1200.00
0.592
–165.5
2.866
78.7
0.117
25.1
0.383
–65.3
1300.00
0.596
–172.0
2.604
75.1
0.118
24.0
0.359
–65.6
1400.00
0.609
–173.0
2.478
72.9
0.121
24.6
0.351
–67.7
1500.00
0.599
–178.6
2.398
66.4
0.128
24.8
0.348
–68.1
1600.00
0.568
178.1
2.273
62.4
0.132
26.4
0.340
–71.9
1700.00
0.578
173.4
2.143
59.9
0.131
28.4
0.322
–75.5
1800.00
0.565
168.5
2.039
59.2
0.132
31.0
0.321
–76.0
1900.00
0.586
166.3
1.918
57.4
0.133
31.8
0.315
–79.6
2000.00
0.593
162.9
1.813
56.0
0.132
32.7
0.320
–81.5
VCE = 3 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.879
–31.8
14.413
158.3
0.028
34.2
0.965
–12.8
200.00
0.815
–61.2
12.159
141.3
0.057
49.3
0.840
–31.6
300.00
0.774
–85.7
10.485
125.0
0.078
46.9
0.719
–46.0
400.00
0.688
–104.0
8.723
113.5
0.086
42.3
0.604
–52.1
500.00
0.618
–119.0
7.234
107.4
0.088
39.4
0.523
–54.6
600.00
0.592
–130.9
6.423
102.7
0.094
38.7
0.491
–55.2
700.00
0.583
–141.7
3.688
95.7
0.098
35.7
0.445
–62.3
800.00
0.553
–152.3
4.996
90.3
0.098
35.5
0.368
–64.0
900.00
0.518
–157.8
4.380
86.4
0.100
36.5
0.338
–64.3
1000.00
0.530
–164.6
4.016
83.7
0.102
36.9
0.317
–65.4
1100.00
0.523
–172.1
3.672
79.7
0.104
35.6
0.314
–69.8
1200.00
0.541
–176.9
3.401
76.1
0.106
34.4
0.289
–75.3
1300.00
0.547
178.0
3.101
72.9
0.108
34.0
0.264
–75.9
1400.00
0.559
177.8
2.945
70.4
0.114
34.8
0.255
–77.6
1500.00
0.555
172.5
2.825
65.0
0.122
34.8
0.251
–78.1
1600.00
0.529
169.6
2.661
61.6
0.128
36.1
0.246
–82.5
1700.00
0.540
165.6
2.522
59.3
0.130
38.2
0.229
–85.3
1800.00
0.534
161.6
2.373
59.1
0.134
40.5
0.228
–87.8
1900.00
0.553
159.8
2.259
57.3
0.137
41.3
0.226
–91.5
2000.00
0.558
156.7
2.134
56.1
0.139
41.8
0.231
–93.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com