Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5369 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 2SC5369
Description  SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5369 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 2SC5369 Datasheet HTML 6Page - Renesas Technology Corp 2SC5369 Datasheet HTML 7Page - Renesas Technology Corp 2SC5369 Datasheet HTML 8Page - Renesas Technology Corp 2SC5369 Datasheet HTML 9Page - Renesas Technology Corp 2SC5369 Datasheet HTML 10Page - Renesas Technology Corp 2SC5369 Datasheet HTML 11Page - Renesas Technology Corp 2SC5369 Datasheet HTML 12Page - Renesas Technology Corp 2SC5369 Datasheet HTML 13Page - Renesas Technology Corp 2SC5369 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
9
2SC5369
S PARAMETER
VCE = 3 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.966
–7.5
3.757
172.7
0.009
75.8
0.915
–6.3
200.00
0.956
–14.6
3.683
165.5
0.017
75.1
0.907
–11.1
300.00
0.938
–21.7
3.614
157.6
0.024
72.4
0.911
–15.3
400.00
0.923
–28.3
3.504
150.5
0.034
68.1
0.903
–21.7
500.00
0.904
–34.8
3.399
146.0
0.040
62.9
0.912
–23.6
600.00
0.885
–40.9
3.283
140.4
0.047
58.2
0.929
–27.4
700.00
0.869
–46.6
3.171
135.6
0.054
54.7
0.915
–30.6
800.00
0.850
–51.8
3.024
130.6
0.058
51.5
0.902
–32.6
900.00
0.833
–56.9
2.920
125.3
0.061
46.7
0.907
–36.2
1000.00
0.809
–62.0
2.842
121.0
0.068
44.7
0.887
–39.0
1100.00
0.789
–66.5
2.731
117.0
0.071
41.1
0.873
–40.0
1200.00
0.765
–70.8
2.627
112.7
0.074
38.4
0.867
–42.8
1300.00
0.741
–75.1
2.561
108.4
0.076
35.1
0.852
–45.8
1400.00
0.718
–79.3
2.475
105.3
0.079
32.4
0.841
–47.2
1500.00
0.692
–83.3
2.395
101.5
0.079
30.0
0.832
–49.6
1600.00
0.668
–87.4
2.345
98.1
0.081
27.6
0.819
–52.1
1700.00
0.645
–91.9
2.306
94.8
0.083
25.8
0.810
–53.3
1800.00
0.622
–96.6
2.266
91.2
0.084
24.5
0.807
–55.2
1900.00
0.601
–101.6
2.238
87.4
0.085
21.8
0.793
–57.7
2000.00
0.579
–107.7
2.219
83.4
0.085
19.3
0.782
–59.2
2100.00
0.560
–114.0
2.178
79.3
0.086
17.1
0.778
–61.3
2200.00
0.540
–121.0
2.139
74.4
0.085
14.8
0.757
–63.9
2300.00
0.520
–128.3
2.097
69.7
0.085
13.0
0.743
–66.5
2400.00
0.507
–135.6
2.036
65.4
0.082
11.1
0.733
–68.9
2500.00
0.492
–142.6
1.955
61.1
0.081
9.0
0.718
–72.4
2600.00
0.483
–148.9
1.876
56.9
0.078
7.9
0.698
–75.7
2700.00
0.479
–154.8
1.809
53.1
0.075
6.5
0.701
–78.4
2800.00
0.476
–159.9
1.736
50.0
0.074
5.5
0.695
–82.8
2900.00
0.475
–164.4
1.658
46.6
0.071
6.0
0.690
–86.1
3000.00
0.480
–168.4
1.610
43.1
0.067
4.2
0.699
–89.7
VCE = 3 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.913
–10.8
9.727
170.1
0.009
74.5
0.901
–8.1
200.00
0.891
–21.0
9.304
160.6
0.016
72.6
0.883
–14.5
300.00
0.853
–31.0
8.914
150.8
0.024
65.6
0.877
–20.2
400.00
0.818
–39.9
8.480
142.2
0.031
62.3
0.854
–27.9
500.00
0.783
–48.7
8.034
136.4
0.036
56.5
0.846
–30.2
600.00
0.750
–56.4
7.520
129.9
0.041
53.3
0.845
–34.4
700.00
0.718
–63.3
7.095
124.4
0.045
48.8
0.819
–37.9
800.00
0.685
–69.3
6.629
119.1
0.048
46.0
0.792
–39.6
900.00
0.656
–75.2
6.256
113.4
0.050
43.9
0.789
–42.9
1000.00
0.620
–81.4
5.911
109.0
0.054
40.7
0.757
–45.7
1100.00
0.592
–86.1
5.585
104.9
0.054
38.8
0.735
–46.2
1200.00
0.561
–90.8
5.267
100.8
0.056
37.0
0.725
–48.6
1300.00
0.531
–95.5
5.035
96.8
0.058
34.7
0.704
–51.1
1400.00
0.506
–100.1
4.793
93.6
0.058
33.6
0.690
–51.9
1500.00
0.477
–104.7
4.567
90.1
0.059
33.2
0.682
–53.9
1600.00
0.451
–109.5
4.400
86.7
0.059
31.5
0.667
–56.0
1700.00
0.428
–115.1
4.240
83.5
0.060
31.8
0.657
–56.8
1800.00
0.406
–120.6
4.099
80.2
0.061
30.9
0.653
–58.3
1900.00
0.384
–127.0
3.979
76.5
0.062
30.8
0.639
–60.6
2000.00
0.368
–134.5
3.859
72.9
0.063
29.3
0.625
–61.4
2100.00
0.356
–141.8
3.729
69.5
0.063
29.7
0.622
–63.4
2200.00
0.345
–149.7
3.587
65.6
0.062
29.4
0.601
–65.6
2300.00
0.339
–158.2
3.465
61.8
0.063
29.4
0.587
–67.8
2400.00
0.339
–165.2
3.328
58.3
0.063
28.7
0.576
–70.1
2500.00
0.340
–171.8
3.181
55.0
0.063
28.5
0.563
–73.4
2600.00
0.346
–177.5
3.042
51.9
0.062
29.1
0.546
–76.5
2700.00
0.354
177.5
2.933
48.8
0.063
29.8
0.548
–79.2
2800.00
0.362
173.3
2.821
46.5
0.064
30.9
0.544
–83.7
2900.00
0.369
169.7
2.692
43.6
0.064
31.4
0.539
–87.0
3000.00
0.380
166.7
2.613
40.5
0.064
32.6
0.551
–90.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com