Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5369 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 2SC5369
Description  SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5369 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 2SC5369 Datasheet HTML 6Page - Renesas Technology Corp 2SC5369 Datasheet HTML 7Page - Renesas Technology Corp 2SC5369 Datasheet HTML 8Page - Renesas Technology Corp 2SC5369 Datasheet HTML 9Page - Renesas Technology Corp 2SC5369 Datasheet HTML 10Page - Renesas Technology Corp 2SC5369 Datasheet HTML 11Page - Renesas Technology Corp 2SC5369 Datasheet HTML 12Page - Renesas Technology Corp 2SC5369 Datasheet HTML 13Page - Renesas Technology Corp 2SC5369 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
11
2SC5369
S PARAMETER
VCE = 3 V, IC = 15 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.695
–23.5
28.64
161.2
0.008
70.9
0.837
–13.9
200.00
0.636
–44.1
25.451
145.4
0.013
66.1
0.779
–24.0
300.00
0.558
–62.4
22.15
131.7
0.018
61.3
0.723
–31.8
400.00
0.506
–77.0
19.259
121.3
0.022
54.9
0.669
–40.9
500.00
0.453
–88.8
16.721
114.4
0.024
53.0
0.628
–41.3
600.00
0.419
–99.1
14.679
107.9
0.027
51.4
0.612
–44.0
700.00
0.390
–107.2
13.085
102.9
0.028
51.2
0.578
–46.2
800.00
0.363
–113.5
11.684
98.2
0.030
50.2
0.553
–45.7
900.00
0.341
–119.5
10.582
93.3
0.031
49.9
0.558
–47.7
1000.00
0.320
–127.1
9.608
90.2
0.034
52.1
0.524
–49.2
1100.00
0.301
–131.8
8.839
87.0
0.036
51.6
0.512
–48.2
1200.00
0.281
–137.3
8.148
83.7
0.037
52.7
0.510
–49.4
1300.00
0.264
–142.8
7.617
80.6
0.039
51.8
0.494
–51.3
1400.00
0.253
–148.4
7.143
78.0
0.041
54.4
0.490
–50.7
1500.00
0.239
–154.1
6.694
75.2
0.043
54.1
0.493
–52.3
1600.00
0.230
–161.3
6.345
72.5
0.045
53.4
0.484
–54.0
1700.00
0.225
–168.5
6.013
69.9
0.046
54.5
0.481
–54.4
1800.00
0.222
–175.5
5.711
67.1
0.049
55.4
0.484
–55.8
1900.00
0.223
176.4
5.455
64.2
0.050
55.4
0.474
–57.7
2000.00
0.230
169.3
5.211
61.5
0.052
55.5
0.466
–58.3
2100.00
0.239
162.7
4.965
59.0
0.055
55.1
0.466
–60.1
2200.00
0.251
156.7
4.733
56.1
0.057
55.2
0.449
–62.4
2300.00
0.266
151.6
4.517
53.5
0.060
54.6
0.439
–64.4
2400.00
0.281
148.1
4.313
51.0
0.063
56.0
0.430
–66.8
2500.00
0.293
145.0
4.130
48.7
0.063
54.9
0.419
–70.8
2600.00
0.310
142.7
3.952
46.5
0.066
55.3
0.404
–74.0
2700.00
0.326
141.1
3.807
44.2
0.068
54.7
0.408
–77.2
2800.00
0.338
139.3
3.680
42.4
0.070
54.0
0.404
–82.2
2900.00
0.350
137.8
3.517
40.2
0.073
53.7
0.403
–85.7
3000.00
0.364
136.6
3.430
37.5
0.075
53.3
0.412
–89.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com