Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5507 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5507
Description  NPN SILICON RF TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5507 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5507 Datasheet HTML 1Page - Renesas Technology Corp 2SC5507 Datasheet HTML 2Page - Renesas Technology Corp 2SC5507 Datasheet HTML 3Page - Renesas Technology Corp 2SC5507 Datasheet HTML 4Page - Renesas Technology Corp 2SC5507 Datasheet HTML 5Page - Renesas Technology Corp 2SC5507 Datasheet HTML 6Page - Renesas Technology Corp 2SC5507 Datasheet HTML 7Page - Renesas Technology Corp 2SC5507 Datasheet HTML 8Page - Renesas Technology Corp 2SC5507 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet PU10522EJ01V0DS
3
2SC5507
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Thermal/DC Characteristics
0.001
200
100
10
25
20
15
10
5
01
2
3
4
5
1
0.01
0.1
1
10
100
Collector to Emitter Voltage VCE (V)
Collector Current IC (mA)
15
10
5
250
200
150
100
50
0
Ptot-TA: Free air
Ptot-TA: Mounted on ceramic board
(15 mm
× 15 mm, t = 0.6 mm)
Ptot-TC: When case temperature
is specified
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
1.2
VCE = 2 V
VCE = 2 V
IB =
A
20
µ
A
40
µ
A
60
µ
A
80
µ
A
100
µ
A
120
µ
A
140
µ
A
160
µ
TOTAL POWER DISSIPATION vs. AMBIENT
TEMPERATURE, CASE TEMPERATURE
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
COLLECTOR TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Ambient Temperature TA (˚C), Case Temperature TC (˚C)
Base to Emitter Voltage VBE (V)
Capacitance/fT Characteristics
1
0.30
0.25
0.20
0.15
0.10
0.05
0
1.0
2.0
3.0
4.0
5.0
30
25
20
15
10
5
0
10
100
Collector to Base Voltage VCB (V)
Collector Current IC (mA)
f = 1 MHz
VCE = 3 V
f = 2 GHz
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com