Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5507 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5507
Description  NPN SILICON RF TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5507 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5507 Datasheet HTML 4Page - Renesas Technology Corp 2SC5507 Datasheet HTML 5Page - Renesas Technology Corp 2SC5507 Datasheet HTML 6Page - Renesas Technology Corp 2SC5507 Datasheet HTML 7Page - Renesas Technology Corp 2SC5507 Datasheet HTML 8Page - Renesas Technology Corp 2SC5507 Datasheet HTML 9Page - Renesas Technology Corp 2SC5507 Datasheet HTML 10Page - Renesas Technology Corp 2SC5507 Datasheet HTML 11Page - Renesas Technology Corp 2SC5507 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet PU10522EJ01V0DS
7
2SC5507
NOISE PARAMETERS
VCE = 2 V, IC = 2 mA
Γopt
f
(GHz)
NFmin
(dB)
Ga
(dB)
MAG.
ANG.
Rn/50
0.8
0.9
1.0
1.5
1.8
1.9
2.0
2.5
0.93
0.95
0.97
1.08
1.14
1.16
1.18
1.29
22.9
22.2
21.6
18.8
17.5
17.1
16.7
15.2
0.54
0.54
0.54
0.53
0.51
0.50
0.49
0.44
13.3
14.9
16.4
24.6
30.3
32.4
34.6
47.7
0.47
0.47
0.47
0.45
0.43
0.42
0.41
0.35
VCE = 2 V, IC = 5 mA
Γopt
f
(GHz)
NFmin
(dB)
Ga
(dB)
MAG.
ANG.
Rn/50
0.8
0.9
1.0
1.5
1.8
1.9
2.0
2.5
1.59
1.60
1.60
1.62
1.63
1.63
1.63
1.65
24.7
24.1
23.4
20.7
19.3
18.9
18.5
16.9
0.38
0.38
0.38
0.36
0.34
0.33
0.32
0.26
10.7
11.9
13.2
20.5
25.7
27.5
29.4
40.1
0.43
0.43
0.43
0.41
0.38
0.38
0.37
0.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com