Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1695 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD1695
Description  SILICON POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1695 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD1695 Datasheet HTML 1Page - Renesas Technology Corp 2SD1695 Datasheet HTML 2Page - Renesas Technology Corp 2SD1695 Datasheet HTML 3Page - Renesas Technology Corp 2SD1695 Datasheet HTML 4Page - Renesas Technology Corp 2SD1695 Datasheet HTML 5Page - Renesas Technology Corp 2SD1695 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D16138EJ1V0DS00
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SD1695
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
DATA SHEET
2002
The 2SD1695 is a Darlington connection transistor and
incorporates a dumper diode between the collector and emitter and
a constant voltage diode and protection elements between the
collector and base. This transistor is ideal for drives in solenoid and
actuators.
FEATURES
• On-chip protection elements enable time and cost reduction.
C to E: Dumper diode
C to B: Constant diode
• Low collector saturation voltage
QUALITY GRADES
• Standard
Please refer to “Quality Grades on NEC Semiconductor Devices”
(Document No. C11531E) published by NEC Corporation to know
the specification of quality grade on the devices and its
recommended applications.
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
31
±4
V
Collector to emitter voltage
VCEO
31
±4
V
Emitter to base voltage
VEBO
8.0
V
Collector current (DC)
IC(DC)
±2.0
A
Collector current (pulse)
IC(pulse)*
±3.0
A
Base current (DC)
IB(DC)
0.2
A
Total power dissipation
PT (Ta = 25
°C)
1.3
W
Total power dissipation
PT (Tc = 25
°C)
10
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50%
PACKAGE DRAWING (UNIT: mm)
Electrode Connection
1. Emitter
2. Collector
3. Base
4. Collector (fin)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com