Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1695 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD1695
Description  SILICON POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1695 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD1695 Datasheet HTML 1Page - Renesas Technology Corp 2SD1695 Datasheet HTML 2Page - Renesas Technology Corp 2SD1695 Datasheet HTML 3Page - Renesas Technology Corp 2SD1695 Datasheet HTML 4Page - Renesas Technology Corp 2SD1695 Datasheet HTML 5Page - Renesas Technology Corp 2SD1695 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
'DWD 6KHHW'(-9'6

2SD1695
(/(&75,&$/ &+$5$&7(5,67,&6 7D
°°°°&
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to base voltage
VCBO
IC = 1.0 mA, IE = 0
273135
V
Collector to emitter voltage
VCEO
IC = 10 mA, RBE =
∞
27
31
35
V
Collector cutoff current
ICBO
VCB = 20 V, IE = 0
10
µA
DC current gain
hFE1*VCE = 2.0 V, IC = 0.5 A
1,000
DC current gain
hFE2*VCE = 2.0 V, IC = 1.0 A
2,000
30,000
Collector saturation voltage
VCE(sat)*IC = 1.0 A, IB = 1.0 mA
0.9
1.2
V
Base saturation voltage
VBE(sat)*IC = 1.0 A, IB = 1.0 mA
1.6
2.0
V
Turn-on time
ton
0.5
µs
Storage time
tstg
3.0
µs
Fall time
tf
IC = 1.0 A, IB1 =
−IB2 = 5.0 mA
RL = 20
Ω, VCC ≅ 20 V
1.0
µs
3XOVH WHVW3: ≤ 
µV GXW\F\FOH ≤ 
K)( &/$66,),&$7,21
Marking
M
L
K
hFE2
2,000 to 5,000
4,000 to 10,000
8,000 to 30,000
7<3,&$/&+$5$&7(5,67,&6 7D
°°°°&
&DVH 7HPSHUDWXUH 7& °&
7HPSHUDWXUH 7 °&
1RWHV
 PPDOXPLQXP
ERDUG IRUKHDWVLQN
 1R LQVXODWLQJERDUG
 6LOLFRQJUHDVH
FRDWLQJ
 +RUL]RQWDOOHYHO
:LWKLQILQLWHKHDWVLQN
:LWKRXW KHDWVLQN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com