Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB2 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PEMB2
Description  PNP/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMB2 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PEMB2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PEMB2_PUMB2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
8 of 14
NXP Semiconductors
PEMB2; PUMB2
PNP/PNP resistor-equipped transistors; R1 = 47 k
, R2 = 47 k
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
f=1MHz; Tamb =25 CVCE = 5V; Tamb =25 C
Fig 8.
Collector capacitance as a function of
collector-base voltage; typical values of
built-in transistor
Fig 9.
Transition frequency as a function of collector
current; typical values of built-in transistor
VCB (V)
0
-50
-40
-20
-30
-10
006aac762
3
6
9
Cc
(pF)
0
006aac763
IC (mA)
-10-1
-102
-10
-1
102
103
fT
(MHz)
10
Fig 10. Package outline PEMB2 (SOT666)
Fig 11. Package outline PUMB2 (SOT363)
Dimensions in mm
04-11-08
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.27
0.17
0.5
pin 1 index
12
3
4
5
6
0.6
0.5
0.3
0.1
06-03-16
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com