Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB2 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PEMB2
Description  PNP/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMB2 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PEMB2 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMB2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted
Device (SMD) plastic packages.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PEMB2; PUMB2
PNP/PNP resistor-equipped transistors;
R1 = 47 k
, R2 = 47 k
Rev. 3 — 17 November 2011
Product data sheet
Table 1.
Product overview
Type number
Package
NPN/PNP
complement
NPN/NPN
complement
Package
configuration
NXP
JEITA
PEMB2
SOT666
-
PEMD12
PEMH2
ultra small and flat
lead
PUMB2
SOT363
SC-88
PUMD12
PUMH2
very small
 100 mA output current capability
 Reduces component count
 Built-in bias resistors
 Reduces pick and place costs
 Simplifies circuit design
 AEC-Q101 qualified
 Low current peripheral driver
 Control of IC inputs
 Replaces general-purpose transistors in digital applications
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
33
47
61
k
R2/R1
bias resistor ratio
0.8
1
1.2


Similar Part No. - PEMB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB2 PHILIPS-PEMB2 Datasheet
53Kb / 8P
PNP resistor-equipped double transistor R1 = 47 kohm, R2 = 47 kohm
2001 Sep 14
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PEMB2 NXP-PEMB2 Datasheet
628Kb / 14P
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages.
Rev. 3-17 November 2011
PEMB20 NXP-PEMB20 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
logo
Nexperia B.V. All right...
PEMB20 NEXPERIA-PEMB20 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03 - 1 September 2009
More results

Similar Description - PEMB2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PQMD12 NXP-PQMD12 Datasheet
207Kb / 13P
NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
24 July 2013
PEMD12_PUMD12 PHILIPS-PEMD12_PUMD12_15 Datasheet
965Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 4-21 November 2011
PEMD48_PUMD48 PHILIPS-PEMD48_PUMD48_15 Datasheet
969Kb / 16P
NPN/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k??and R1 = 2.2 k?? R2 = 47 k?
Rev. 6-24 January 2012
PEMB2_PUMB2 PHILIPS-PEMB2_PUMB2_15 Datasheet
628Kb / 14P
PNP/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k?
Rev. 3-17 November 2011
logo
Nexperia B.V. All right...
PEMB10 NEXPERIA-PEMB10 Datasheet
917Kb / 16P
PNP/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 3 - 3 January 2012
PEMD12 NEXPERIA-PEMD12 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 4 - 21 November 2011
PEMB9 NEXPERIA-PEMB9_V01 Datasheet
920Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 3 - 22 November 2011
PDTA144E_SER NEXPERIA-PDTA144E_SER Datasheet
1Mb / 17P
PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 8 - 14 November 2011
PEMD48 NEXPERIA-PEMD48_V01 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com