Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDZ10B Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PDZ10B
Description  Single Zener diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDZ10B Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PDZ10B Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Nexperia
PDZ-B series
Single Zener diodes
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
continuous forward current
-
200
mA
IZSM
non-repetitive peak reverse current
tp = 100 µs; square wave;
Tamb = 25 °C prior to surge
-
see
characteristics
table
Ptot
total power dissipation
Tamb = 25 °C
[1] -
400
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
+150
°C
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-sp)
thermal resistance from junction to solder point
in free air
-
-
130
K/W
Rth(j-a)
thermal resistance from junction to ambient
[1] -
-
340
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB),single-sided copper, tin-plated and standard footprint.
10. Characteristics
Table 7. Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 10 mA
[1] -
-
0.9
V
VF
forward voltage
IF = 100 mA
[1] -
-
1.1
V
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
PDZ-B_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 5 — 21 December 2022
3 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com