Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDZ10B Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PDZ10B
Description  Single Zener diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDZ10B Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDZ10B Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
PDZ-B series
Single Zener diodes
5. Pinning information
Table 2. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
2
1
006aaa152
A
K
[1] The marking bar indicates the cathode.
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PDZ2.4B to PDZ36B[1]
-
plastic surface-mounted package; 2 leads
SOD323
[1] The series consists of 29 types with nominal working voltages from 2.4 V to 36 V.
7. Marking
Table 4. Marking Codes
Type number
Marking Code
Type number
Marking Code
Type number
Marking Code
PDZ2.4B
Z0
PDZ6.2B
ZA
PDZ16B
ZL
PDZ2.7B
Z1
PDZ6.8B
ZB
PDZ18B
ZM
PDZ3.0B
Z2
PDZ7.5B
ZC
PDZ20B
ZN
PDZ3.3B
Z3
PDZ8.2B
ZD
PDZ22B
ZP
PDZ3.6B
Z4
PDZ9.1B
ZE
PDZ24B
ZQ
PDZ3.9B
Z5
PDZ10B
ZF
PDZ27B
ZR
PDZ4.3B
Z6
PDZ11B
ZG
PDZ30B
ZS
PDZ4.7B
Z7
PDZ12B
ZH
PDZ33B
ZT
PDZ5.1B
Z8
PDZ13B
ZJ
PDZ36B
ZU
PDZ5.6B
Z9
PDZ15B
ZK
PDZ-B_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 5 — 21 December 2022
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com