Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP18CE3 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 5KP18CE3
Description  5,000 Watt Transient Voltage Suppressor (TVS) Protection Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

5KP18CE3 Datasheet(HTML) 3 Page - Microsemi Corporation

  5KP18CE3 Datasheet HTML 1Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 2Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 3Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 4Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 5Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 6Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 7Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 8Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RF01010-1, Rev. A (9/13/13)
©2013 Microsemi Corporation
Page 3 of 10
5KP5.0e3 – 5KP250CAe3
SYMBOLS & DEFINITIONS
Symbol
Definition
α
V(BR)
Temperature Coefficient of Breakdown Voltage: The change in breakdown voltage divided by the change in
temperature that caused it expressed in %/°C or mV/°C.
ID
Standby Current: The current through the device at rated stand-off voltage.
IPP
Peak Impulse Current: The maximum rated random recurring peak impulse current or nonrepetitive peak impulse
current that may be applied to a device. A random recurring or nonrepetitive transient current is usually due to an
external cause, and it is assumed that its effect will have completely disappeared before the next transient arrives.
PPP
Peak Pulse Power. The rated random recurring peak impulse power or rated nonrepetitive peak impulse power. The
impulse power is the maximum-rated value of the product of IPP and VC.
V (BR)
Breakdown Voltage: The voltage across the device at a specified current I(BR) in the breakdown region.
VC
Clamping Voltage: The voltage across the device in a region of low differential resistance during the application of an
impulse current (IPP) for a specified waveform.
VWM
Working Standoff Voltage: The maximum-rated value of dc or repetitive peak positive cathode-to-anode voltage that
may be continuously applied over the standard operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com