Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP18CE3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 5KP18CE3
Description  5,000 Watt Transient Voltage Suppressor (TVS) Protection Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

5KP18CE3 Datasheet(HTML) 1 Page - Microsemi Corporation

  5KP18CE3 Datasheet HTML 1Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 2Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 3Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 4Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 5Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 6Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 7Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 8Page - Microsemi Corporation 5KP18CE3 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RF01010-1, Rev. A (9/13/13)
©2013 Microsemi Corporation
Page 1 of 10
5KP5.0e3 – 5KP250CAe3
Compliant
5,000 Watt Transient Voltage Suppressor
(TVS) Protection Device
DESCRIPTION
This RoHS compliant transient voltage suppressor series 5KP5.0e3 - 5KP250CAe3 provides a
range of standoff voltage options from 5.0 to 250V in both unidirectional and bidirectional
options. Clamping action is almost instantaneous. As a result, they provide effective
protection from ESD and EFT per IEC61000-4-2 and IEC61000-4-4, as well as transients
caused by inductive switching and RFI. They also protect from secondary lightning effects per
61000-4-5 at the class levels specified below.
P600 Package
Also available in:
Case 5A (DO-204AR)
package
(hirel plastic axial-leaded)
M5KP5.0A – M5KP110CA
DO-13 package
(metal axial-leaded)
LC6.5A – LC170A
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
•
Available in both unidirectional and bidirectional configurations
•
Moisture classification is level 1 with no dry pack required per IPC/JEDEC J-STD-020B
•
RoHS compliant
APPLICATIONS / BENEFITS
•
Selections for 5.0 to 250 volts stand-off voltage (VWM)
•
Economical TVS series for thru-hole mounting
•
Pico- to nano-second response time
•
Protection from transients caused by inductive switching and RFI
•
Compliant to IEC 61000-4-2 and IEC 61000-4-4 for ESD and EFT protection respectively
•
Secondary lightning protection per IEC61000-4-5 with 42 ohms source impedance:
Class 1, 2, 3, 4: 5KP5.0 to 5KP110CA
Class 5: 5KP5.0 to 5KP110CA (short distance)
Class 5: 5KP5.0 to 5KP36CA (long distance)
•
Secondary lightning protection per IEC61000-4-5 with 12 ohms source impedance:
Class 1 & 2: 5KP5.0 to 5KP110CA
Class 3: 5KP5.0 to 5KP78CA
Class 4: 5KP5.0 to 5KP40CA
•
Secondary lightning protection per IEC61000-4-5 with 2 ohms source impedance:
Class 2: 5KP5.0 to 5KP70CA
Class 3: 5KP5.0 to 5KP36CA
Class 4: 5KP5.0 to 5KP18CA
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com


Similar Part No. - 5KP18CE3

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP18C SURGE-5KP18C Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP18C TRSYS-5KP18C Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP18C WTE-5KP18C Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
5KP18C FORMOSA-5KP18C Datasheet
87Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
5KP18C EIC-5KP18C Datasheet
119Kb / 4P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP18CE3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
TVS Transient Voltage Suppressor
logo
Microsemi Corporation
MX15KP260CA MICROSEMI-MX15KP260CA Datasheet
425Kb / 7P
15,000 Watt Transient Voltage Suppressor (TVS) Protection Device
logo
Infineon Technologies A...
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD237-B1-W0201 INFINEON-ESD237-B1-W0201 Datasheet
762Kb / 14P
Protection devices TVS (Transient Voltage Suppressor)
Revision 1.0 2016-10-18
ESD241-B1-W0201 INFINEON-ESD241-B1-W0201 Datasheet
734Kb / 13P
Protection Devices TVS (Transient Voltage Suppressor)
Revision 1.2 2018-03-19
ESD253-B1-W0201 INFINEON-ESD253-B1-W0201 Datasheet
747Kb / 13P
Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-07-12
ESD259-B1-W0201 INFINEON-ESD259-B1-W0201 Datasheet
1Mb / 14P
Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-05-17
ESD206-B1-02V INFINEON-ESD206-B1-02V Datasheet
610Kb / 14P
Protection Devices TVS (Transient Voltage Suppressor Diodes)
Revision 1.3, 2016-06-27
logo
Microsemi Corporation
SMAJ5.0E3 MICROSEMI-SMAJ5.0E3 Datasheet
489Kb / 6P
400W Transient Voltage Suppressor (TVS) protection device
Mar Rev C
15KPA17AE3 MICROSEMI-15KPA17AE3 Datasheet
441Kb / 7P
15,000 Watt Transient Voltage Suppressor TVS) Protection Device
Rev. A 6/24/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com