Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2105 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2105
Description  LM2105 105-V, 0.5-A/0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2105 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2105 Datasheet HTML 3Page - Texas Instruments LM2105 Datasheet HTML 4Page - Texas Instruments LM2105 Datasheet HTML 5Page - Texas Instruments LM2105 Datasheet HTML 6Page - Texas Instruments LM2105 Datasheet HTML 7Page - Texas Instruments LM2105 Datasheet HTML 8Page - Texas Instruments LM2105 Datasheet HTML 9Page - Texas Instruments LM2105 Datasheet HTML 10Page - Texas Instruments LM2105 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7 Detailed Description
7.1 Overview
The LM2105 is a high-voltage gate driver designed to drive both the high-side and the low-side N-channel
FETs in a synchronous buck or a half-bridge configuration. The two outputs are independently controlled with
two TTL-compatible input signals. The device can also work with CMOS type control signals at its inputs as
long as the signals meet the turn-on and turn-off threshold specifications of the LM2105. The floating high-side
driver is capable of working with a BST voltage up to 105 V. A bootstrap diode is integrated in the LM2105
device to charge the high-side gate drive bootstrap capacitor. A robust level shifter operates at high speed while
consuming low power and providing clean level transitions from the control logic to the high-side gate driver.
Undervoltage lockout (UVLO) is provided on both the low-side and the high-side power rails.
7.2 Functional Block Diagram
LEVEL
SHIFT
UVLO
UVLO
INH
INL
GVDD
BST
GH
SH
GL
GND
DRIVER
STAGE
DRIVER
STAGE
7.3 Feature Description
7.3.1 Start-Up and UVLO
Both the high-side and the low-side driver stages include UVLO protection circuitry which monitors the supply
voltage (VGVDD) and the bootstrap capacitor voltage (VBST-SH). The UVLO circuit inhibits each output until
sufficient supply voltage is available to turn on the external MOSFETs, and the built-in UVLO hysteresis prevents
chattering during supply voltage variations. When the supply voltage is applied to the GVDD pin of the device,
both outputs are held low until VGVDD exceeds the UVLO threshold, typically 4.6 V. Any UVLO condition on the
bootstrap capacitor (VBST–SH) disables only the high-side output (GH).
Table 7-1. GVDD UVLO Logic Operation
CONDITION (VBST- SH > VBSTR)
INH
INL
GH
GL
VGVDD – GND < VGVDDR during device start-up
H
L
L
L
L
H
L
L
H
H
L
L
L
L
L
L
www.ti.com
LM2105
SNVSCB0A – JANUARY 2023 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM2105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com