Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2105 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2105
Description  LM2105 105-V, 0.5-A/0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2105 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2105 Datasheet HTML 4Page - Texas Instruments LM2105 Datasheet HTML 5Page - Texas Instruments LM2105 Datasheet HTML 6Page - Texas Instruments LM2105 Datasheet HTML 7Page - Texas Instruments LM2105 Datasheet HTML 8Page - Texas Instruments LM2105 Datasheet HTML 9Page - Texas Instruments LM2105 Datasheet HTML 10Page - Texas Instruments LM2105 Datasheet HTML 11Page - Texas Instruments LM2105 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Table 7-1. GVDD UVLO Logic Operation (continued)
CONDITION (VBST- SH > VBSTR)
INH
INL
GH
GL
VGVDD – GND < VGVDDR – VDDHYS after device start-up
H
L
L
L
L
H
L
L
H
H
L
L
L
L
L
L
Table 7-2. BST UVLO Logic Operation
CONDITION (VGVDD > VGVDDR)
INH
INL
GH
GL
VBST-SH < VBSTR during device start-up
H
L
L
L
L
H
L
H
H
H
L
H
L
L
L
L
VBST-SH < VBSTR – VBSTHYS after device start-up
H
L
L
L
L
H
L
H
H
H
L
H
L
L
L
L
7.3.2 Input Stages
The INL and INH inputs operate independent of each other. There is no fixed time de-glitch filter implemented
at the inputs and therefore propagation delay and delay matching are not sacrificed. In other words, there is
no built-in dead time. If the dead time between two outputs is desired then that shall be programmed through
the microcontroller. A small filter at each of the inputs of the driver further improves system robustness in
noise-prone applications. The inputs have internal pulldown resistors with typical value of 200 kΩ. Thus, when
the inputs are floating, the outputs are held low.
7.3.3 Level Shift
The level shift circuit is the interface from the high-side input, which is a GND referenced signal, to the high-side
driver stage, which is referenced to the switch node (SH). The level shift allows control of the GH output which is
referenced to the SH pin and provides excellent delay matching with the low-side driver.
7.3.4 Output Stages
The output stages are the interface to the power MOSFETs in the power train. High slew rate, low resistance,
and high peak current capability of both outputs allow for efficient switching of the power MOSFETs. The
low-side output stage is referenced to GND and the high-side is referenced to SH.
7.3.5 SH Transient Voltages Below Ground
In most applications, the body diode of the external low-side power MOSFET clamps the SH node to ground.
In some situations, board capacitance and inductance can cause the SH node to transiently swing several volts
below ground, before the body diode of the external low-side MOSFET clamps this swing. The SH pin in the
LM2105 is allowed to swing below ground as long as specifications are not violated and conditions mentioned in
this section are followed.
SH must always be at a lower potential than GH. Pulling GH more negative than specified conditions can
activate parasitic transistors which may result in excessive current flow from the BST supply. This may result
in damage to the device. The same relationship is true with GL and GND. If necessary, a Schottky diode can
be placed externally between GH and SH or GL and GND to protect the device from this type of transient. The
diode must be placed as close to the device pins as possible in order to be effective.
Low ESR bypass capacitors from BST to SH and from GVDD to GND are essential for proper operation of the
gate driver device. The capacitor should be located at the leads of the device to minimize series inductance.
The peak currents from GL and GH can be quite large. Any series inductance with the bypass capacitor causes
voltage ringing at the leads of the device which must be avoided for reliable operation.
LM2105
SNVSCB0A – JANUARY 2023 – REVISED MARCH 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com