Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD301A Datasheet(PDF) 21 Page - Microchip Technology

Part # UPD301A
Description  Stand-alone USB Type-C™ Power Delivery 3.0 Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301A Datasheet(HTML) 21 Page - Microchip Technology

Back Button UPD301A Datasheet HTML 17Page - Microchip Technology UPD301A Datasheet HTML 18Page - Microchip Technology UPD301A Datasheet HTML 19Page - Microchip Technology UPD301A Datasheet HTML 20Page - Microchip Technology UPD301A Datasheet HTML 21Page - Microchip Technology UPD301A Datasheet HTML 22Page - Microchip Technology UPD301A Datasheet HTML 23Page - Microchip Technology UPD301A Datasheet HTML 24Page - Microchip Technology UPD301A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS00002838B-page 21
UPD301A
If supported, the ranges 8V, 12V and 20V may be programmed in VBUS Threshold 2 and VBUS Threshold 3 registers.
Likewise 5V range, vSafe5v, can be programmed in VBUS Threshold 0 and VBUS Threshold 1 registers.
The threshold for vSafe0V is programmable.
VBUS_DET_IN monitoring logic operates off of the 20 KHz oscillator which cycles through each threshold. Including
vSafe0v, a total of five values are compared.
4.4
Baseband CC Interface (BCI)
The device integrates a Baseband CC Interface (BCI) to facilitate USB Power Delivery communication. This module
bridges between the PD MAC/BMC and the analog front end. Baseband communication is initiated by the PD MAC,
which interfaces to the BCI. The BCI implements the digital functions required to control TX baseband components.
4.4.1
BASEBAND TX DATA-FLOW
The key responsibility of the BCI is to generate the wave form required for baseband communication. To this end, the
BMC has a group of eight registers that define the Lo-Hi and Hi-Lo transitions for the generated BMC signal.
When instructed to transition from Lo-Hi, the BCI steps through all BB TX Rise Registers. Likewise when instructed to
transition from Hi-Lo, the BCI steps through all BB TX Fall Registers
APPLICATION NOTE:
The user may replicate values if it is desired to use less than twelve unique values for this
purpose.
4.4.2
BASEBAND RX DATA-FLOW
Baseband RX data is received by the BCI from the RX analog front end where it is compared to a threshold programmed
by software. The CC RX DAC Value defines the trip point used for reception of baseband data. The field shall be pro-
grammed to be 175 mV below the RX Eye center, as defined in the PD Specification for the mode in which the device
is operating (Sourcing Power, Sinking Power, Power Neutral).
TABLE 4-5:
VBUS DETECTION THRESHOLDS
VBUS
Range
VBUS_DET_IN
Comments
20
21.5
2.11
18.5
1.82
12
13.1
1.29
10.9
1.07
8
8.9
0.88
7.1
0.69
5
5.5
0.51
vSafe5V
3.67
0.33
0.68
0.68
0.068
vSafe0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com