Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2952APWDH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC2952APWDH
Description  Octal registered tranceiver with 5-volt tolerant inputs/ouputs 3-State
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2952APWDH Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC2952APWDH Datasheet HTML 1Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 2Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 3Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 4Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 5Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 6Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 7Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 8Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Philips Semiconductors
Product specification
74LVC2952A
Octal registered tranceiver with 5-volt tolerant
inputs/ouputs (3-State)
1998 Jul 29
4
FUNCTION TABLE for register An or Bn
INPUTS
INTERNAL
OPERATING
An or Bn
CPnn
CEnn
Q
MODE
X
X
H
NC
Hold data
L
↑
L
L
Load data
H
↑
L
H
Load data
NOTES:
H
=
HIGH voltage level
L
=
LOW voltage level
X
=
don’t care
FUNCTION TABLE for output enable
INPUTS
INTERNAL
An or Bn
OPERATING MODE
OEnn
Q
n
n
OUTPUTS
OPERATING MODE
H
X
Z
Disable outputs
L
L
L
Enable outputs
L
H
H
Enable outputs
Z
=
high impedance OFF-state
↑
=
Low-to-High transition
NC =
no change
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage (for max. speed performance)
2.7
3.6
V
VCC
DC supply voltage (for low-voltage applications)
1.2
3.6
V
VI
DC input voltage range
0
5.5
V
VI/O
DC output voltage range; output HIGH or LOW state
0
VCC
V
VI/O
DC input voltage range; output 3-State
0
5.5
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 1.2 to 2.7V
VCC = 2.7 to 3.6V
0
0
20
10
ns/V
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +6.5
V
IIK
DC input diode current
VI t 0
–50
mA
VI
DC input voltage
Note 2
–0.5 to +6.5
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VI/O
DC output voltage; output HIGH or LOW
Note 2
–0.5 to VCC +0.5
V
VI/O
DC output voltage; output 3-State
Note 2
–0.5 to 6.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
Power dissipation per package
PTOT
– plastic mini-pack (SO)
above +70
°C derate linearly with 8 mW/K
500
mW
– plastic shrink mini-pack (SSOP and TSSOP)
above +60
°C derate linearly with 5.5 mW/K
500
mW
NOTES:
1
Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com