Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2952APWDH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC2952APWDH
Description  Octal registered tranceiver with 5-volt tolerant inputs/ouputs 3-State
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2952APWDH Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC2952APWDH Datasheet HTML 1Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 2Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 3Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 4Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 5Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 6Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 7Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 8Page - NXP Semiconductors 74LVC2952APWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Philips Semiconductors
Product specification
74LVC2952A
Octal registered tranceiver with 5-volt tolerant
inputs/ouputs (3-State)
1998 Jul 29
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 1.2V
VCC
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
V
V
LOW level Input voltage
VCC = 1.2V
GND
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
0.8
V
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC*0.5
V
VCC =3 0V; V =V or V ; IO = 100µA
VCC 02
VCC
VO
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VOH
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –18mA
VCC*0.6
V
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*0.8
VCC = 2.7V; VI = VIH or VIL;IO = 12mA
0.40
VOL
LOW level output voltage
VCC = 3.0V; VI = VIH or VIL;IO = 100µA
0.20
V
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.55
II
Input leakage current
VCC = 3.6V; VI = 5.5V or GND
Not for I/O pins
"0.1
"5
µA
IIHZ/IILZ
Input current for common I/O pins
VCC = 3.6V; VI = 5.5V or GND
"0.1
"15
µA
IOZ
3-State output OFF-state current
VCC = 3.6V; VI = VIH or VIL;VO = 5.5V or GND
0.1
"5
µA
Ioff
Power off leakage supply
VCC = 0.0V; VI or VO = 5.5V
"10
µA
ICC
Quiescent supply current
VCC = 3.6V; VI = VCC or GND; IO = 0
0.1
10
µA
∆ICC
Additional quiescent supply
current per input pin
VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0
5
500
µA
NOTES:
1
All typical values are at VCC = 3.3V and Tamb = 25°C.
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF; RL = 500W
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TYP
tPHL/tPLH
Propagation delay
CPBA, CPAB to An, Bn
Figures 1, 4
1.5
4.1
7.6
1.5
4.4
8.6
16
ns
tPZH/tPZL
3-state output enable time
OEBA, OEAB, to An, Bn
Figures 3, 4
1.5
3.9
7.6
1.5
4.7
8.6
16
ns
tPHZ/tPLZ
3-state output disable time
OEBA, OEAB, to An, Bn
Figures 3, 4
1.5
3.4
6.6
1.5
3.8
7.6
8
ns
tw
CPAB, CPBA pulse width,
HIGH or LOW
Figure 1
3.0
1.5
–
3.0
1.5
–
–
ns
tsu
Set-up time HIGH or LOW
An, Bn to CPAB, CPBA
Figure 2
2.0
–0.5
–
2.0
–
–
–
ns
tsu
Set-up time, HIGH or LOW
CEAB, CEBA to CPAB, CPBA
Figure 2
2.0
0.5
–
2.0
–
–
–
ns
th
Hold time
An, Bn to CPAB, CPBA
Figure 2
1.5
0.6
–
1.5
–
–
–
ns
th
Hold time
CEAB, CEBA to CPAB, CPBA
Figure 2
1.5
0
–
1.5
–
–
–
ns
fmax
Maximum clock pulse
frequency
Figure 2
100
150
–
80
–
–
–
MHz
NOTE:
These typical values are at VCC = 3.3V and Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com