Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC377D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC377D
Description  Octal D-type flip-flop with data enable; positive-edge trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC377D Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC377D Datasheet HTML 1Page - NXP Semiconductors 74LVC377D Datasheet HTML 2Page - NXP Semiconductors 74LVC377D Datasheet HTML 3Page - NXP Semiconductors 74LVC377D Datasheet HTML 4Page - NXP Semiconductors 74LVC377D Datasheet HTML 5Page - NXP Semiconductors 74LVC377D Datasheet HTML 6Page - NXP Semiconductors 74LVC377D Datasheet HTML 7Page - NXP Semiconductors 74LVC377D Datasheet HTML 8Page - NXP Semiconductors 74LVC377D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC377
Octal D-type flip-flop with data enable;
positive-edge trigger
2
1998 Jul 29
FEATURES
• Wide supply voltage range of 1.2V to 3.6V
• Conforms to JEDEC standard 8-1A
• Inputs accept voltages up to 5.5V
• CMOS low power consumption
• Direct interface with TTL levels
• Output drive capability 50Ω transmission lines @ 85°C
DESCRIPTION
The 74LVC377 is a low-voltage Si-gate CMOS device, superior to
most advanced CMOS compatible TTL families.
The 74LVC377 has eight edge-triggered , D-type flip-flops with
individual D inputs and Q outputs. A common clock (CP) input loads
all flip-flops simultaneously when the data enable E is LOW. The
state of each D input, one set-up time before the LOW-to-HIGH
clock transition, is transferred to the corresponding output (Qn) of
the flip-flop. The E input must be stable only one set-up time prior to
the LOW-to-HIGH transition for predictable operation.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr =tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
CP to Qn;
CL = 50pF
VCC = 3.3V
6.0
ns
f
Maximum clock frequency
230
MHz
fmax
Maximum clock frequency
230
MHz
CI
Input capacitance
5.0
pF
CPD
Power dissipation
capacitance per flip-flop
VI = GND to VCC1
22
pF
NOTES:
1CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2 x fi )S (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL
VCC2
fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic SO
–40
°C to +85°C
74LVC377 D
74LVC377 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC377 DB
74LVC377 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC377 PW
74LVC377PW DH
SOT360-1
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
15
16
17
18
19
20
E
Q0
D0
D1
Q1
Q2
D2
D3
Q3
Q7
D7
D6
Q6
Q5
D5
D4
Q4
CP
SY00058
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
E
Data enable input (active LOW)
2, 5, 6,
9, 12, 15,
16, 19
Q0 – Q7
Flip-flop outputs
3, 4, 7,
8, 13, 14,
17, 18
D0 – D7
Data inputs
10
GND
Ground (0V)
11
CP
Clock input (LOW-to-HIGH,
edge-triggered)
20
VCC
Positive power supply



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com