Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC377D Datasheet (PDF) - NXP Semiconductors

74LVC377D Datasheet PDF - NXP Semiconductors
Part # 74LVC377D
Download  74LVC377D Download
File Size   95.56 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop with data enable; positive-edge trigger

74LVC377D Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC377D Datasheet PDF - NXP Semiconductors

Part # 74LVC377D
Download  74LVC377D Click to download

File Size   95.56 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type flip-flop with data enable; positive-edge trigger

74LVC377D Datasheet (HTML) - NXP Semiconductors


74LVC377D Product details

DESCRIPTION
The 74LVC377 is a low-voltage Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.

FEATURES
• Wide supply voltage range of 1.2V to 3.6V
• Conforms to JEDEC standard 8-1A
• Inputs accept voltages up to 5.5V
• CMOS low power consumption
• Direct interface with TTL levels
• Output drive capability 50Ω transmission lines @ 85°C




Similar Part No. - 74LVC377D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC377D NEXPERIA-74LVC377D Datasheet
236Kb / 12P
Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 7 - 27 August 2021
More results


Similar Description - 74LVC377D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC377 PHILIPS-74HC377 Datasheet
60Kb / 7P
Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
logo
NXP Semiconductors
74HCHCT377 PHILIPS-74HCHCT377 Datasheet
64Kb / 7P
Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
74AHC377 NXP-74AHC377_08 Datasheet
100Kb / 16P
Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02-12 June 2008
logo
Nexperia B.V. All right...
74AHC377-Q100 NEXPERIA-74AHC377-Q100 Datasheet
744Kb / 17P
Octal D-type flip-flop with data enable; positive-edge trigger
74LVC377 NEXPERIA-74LVC377 Datasheet
236Kb / 12P
Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 7 - 27 August 2021
74HCT377 NEXPERIA-74HCT377 Datasheet
256Kb / 15P
Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com